Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3050 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-3050
Description  External Interrupt Output for Motion Detection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3050 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-3050 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-3050 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
Table 4. DC Electrical Specifications
Electrical characteristics over recommended operating conditions. Typical values at 25° C, VDDLED = 2.8 V, IRLED HLMP-
EG3E, RLED = 33
.
Parameter
Symbol
Min
Typ.
Max
Units
Notes
DC Supply Current
IDD_RUN_DC
IDD_RUN_WIRELESS
IDD_REST1
IDD_REST2
IDD_REST3
26.604
14.236
0.817
0.105
0.022
mA
Including LED current.
No load on MISO
Default sensor setting for Rest 1,
Rest 2 and Rest 3 modes
Power Down Current
IPD
10
μA
Input Low Voltage
VIL
0.5
V
SCLK, MOSI, NCS
Input High Voltage
VIH
Vdd-0.5
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
200
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
±1
±10
μA
Vin=VDD-0.6V, SCLK, MOSI, NCS
Output Low Voltage
VOL
0.7
V
Iout=1mA, MISO, MOTION
Output High Voltage
VOH
Vdd-0.7
V
Iout=-1mA, MISO, MOTION
Input Capacitance
Cin
50
pF
MOSI, NCS, SCLK
Synchronous Serial Port
The synchronous serial port is used to set and read pa-
rameters in the ADNS-3050, and to read out the motion
information. The port is a four wire serial port. The host
micro-controller always initiates communication; the
ADNS-3050 never initiates data transfers. SCLK, MOSI, and
NCS may be driven directly by a micro-controller. The port
pins may be shared with other SPI slave devices. When the
NCS pin is high, the inputs are ignored and the output is
at tri-state.
The lines that comprise the SPI port:
SCLK: Clock input. It is always generated by the master
(the micro-controller).
MOSI: Input data. (Master Out/Slave In)
MISO: Output data. (Master In/Slave Out)
NCS: Chip select input (active low). NCS needs to be low
to activate the serial port; otherwise, MISO will be
high Z, and MOSI & SCLK will be ignored. NCS can
also be used to reset the serial port in case of an
error.
Chip Select Operation
The serial port is activated after NCS goes low; otherwise,
MISO will be high-Z, while MOSI and SCLK will be ignored.
If NCS is raised during a transaction, the entire transaction
is aborted and the serial port will be reset. This is true for
all transactions. After a transaction is aborted, the nor-
mal address-to-data or transaction-to-transaction delay
is still required before beginning the next transaction. To
improve communication reliability, all serial transactions
should be framed by NCS. NCS can also be used to reset
the serial port in case of an error occurs.


Similar Part No. - ADNS-3050

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
More results

Similar Description - ADNS-3050

ManufacturerPart #DatasheetDescription
logo
ams AG
N50P111 AMSCO-N50P111 Datasheet
1Mb / 32P
   Configurable interrupt output for motion detection
logo
Axiomtek Co., Ltd.
DSA-142 AXIOMTEK-DSA-142 Datasheet
268Kb / 1P
   Motion detection sensors
logo
A1 PROs co., Ltd.
AH243TS A1PROS-AH243TS Datasheet
164Kb / 2P
   Intelligent Motion Detection
APC89K A1PROS-APC89K Datasheet
400Kb / 2P
   Intelligent Motion Detection
logo
CINCON ELECTRONICS Corp...
MDS-P CINCON-MDS-P Datasheet
428Kb / 2P
   Motion Detection Sensor
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
   3-Axis Orientation/Motion Detection Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
List of Unclassifed Man...
PYD1588 ETC2-PYD1588 Datasheet
208Kb / 2P
   Next-Generation, Low-Power DigiPyro짰 for Battery-Operated Motion Detection
logo
ATMEL Corporation
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com