Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5060 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5060
Description  Self-adjusting frame rate for optimum performance
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5060 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5060 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5060 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ADNS-5060
Optical Mouse Sensor
Data Sheet
Description
The ADNS-5060 is a mainstream, small form factor optical
mouse sensor. It is used to implement a non mechanical
tracking engine for computer mice.
It is based on optical navigation technology, which
measures changes in position by optically acquiring
sequential surface images (frames) and mathematically
determining the direction and magnitude of movement.
The sensor is housed in an 8-pin staggered dual
inline package (DIP). It is designed for use with the
HDNS-2100 round lens or HDNS-2100#001 trim lens,
HLMP-ED80-xx000, and the HDNS-2200 LED Clip,
providing an optical mouse solution that is compact
and affordable. There are no moving parts, so precision
optical alignment is not required, thereby facilitating high
volume assembly.
The output format is a two wire serial port. The current X
and Y information are available in registers accessed via
the serial port.
The ADNS-5060 is capable of high-speed motion detection
– up to 30ips and 8g. In addition, it has an on-chip
oscillator and built-in LED driver to minimize external
components. Frame rate is also adjusted internally.
Features
• Small form factor, pin-to-pin compatible with
ADNS-26x0
• Register-to-register compatible with ADNS-26x0
• Built-in LED driver for simpler circuitry
• High speed motion detection up to 30ips and 8g
• Self-adjusting frame rate for optimum performance
• Internal oscillator – no clock input needed
• Default 1050cpi resolution, adjustable from 150 to
1350cpi via 150cpi step
• Operating voltage: 5V nominal
• Two-wire serial interface
Applications
• Optical Mice
• Optical trackballs
• Integrated input devices
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - ADNS-5060

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5000 AVAGO-ADNS-5000 Datasheet
298Kb / 34P
   Optical Mouse Sensor
ADNS-5000 AVAGO-ADNS-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5000 BOARDCOM-ADNS-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5060

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-14872 SPARKFUN-TOL-14872 Datasheet
877Kb / 2P
   Self-Adjusting Wire Strippers
9??7??8
logo
List of Unclassifed Man...
VBEHA ETC2-VBEHA Datasheet
128Kb / 1P
   Self-Adjusting EM Brake
VCEHA ETC2-VCEHA Datasheet
302Kb / 1P
   Self-Adjusting EM Clutch
CT ETC-CT Datasheet
85Kb / 1P
   Self-Adjusting EM Clutch
VSAU ETC2-VSAU Datasheet
73Kb / 1P
   Self-Adjusting EM Clutch/Brake Unit
logo
TE Connectivity Ltd
CAT-ATS0004 TEC-CAT-ATS0004 Datasheet
97Kb / 1P
   BRAKE LIGHT SENSOR (self-adjusting features)
logo
IET Labs Inc.
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
   Self-Adjusting Programmable Resistance Decade Substituter
March 2020
logo
Laird Tech Smart Techno...
CANMSNM LSTD-CANMSNM Datasheet
284Kb / 1P
   Excellent PIM rating for optimum system performance
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
   Frame Rate Communications PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com