Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF85A Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF85A
Description  SURFACE MOUNT ESD PROTECTION DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF85A Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMF85A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF85A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF85A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMF85A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMF85A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Production specification
SURFACE MOUNT ESD
PROTECTION DIODES
SMF5V0A--SMF170A
Document Number: SOD601AA
www.gmicroelec.com
1
Type
Marking
Code
UNI
V(BR)
1
V
MIN
IT
m A
VWM
V
IRM@VWM
μ A
IPPM
2
A
Vc @ IPPM
V
SMF51A
CZ
56.7
1.0
51
1.0
2.4
82.4
SMF54A
DE
60.0
1.0
54
1.0
2.3
87.1
SMF58A
DG
64.0
1.0
58
1.0
2.1
93.6
SMF60A
DK
66.7
1.0
60
1.0
1.8
96.8
SMF64A
DM
71.1
1.0
64
1.0
1.7
103.0
SMF70A
DP
78.8
1.0
70
1.0
1.5
113.0
SMF75A
DR
83.3
1.0
75
1.0
1.4
121.0
SMF78A
DT
86.7
1.0
78
1.0
1.4
126.0
SMF85A
DV
94.4
1.0
85
1.0
1.3
137.0
SMF90A
DX
100.0
1.0
90
1.0
1.2
146.0
SMF100A
DZ
111.0
1.0
100
1.0
1.1
162.0
SMF110A
EE
122.0
1.0
110
1.0
1.0
177.0
SMF120A
EG
133.0
1.0
120
1.0
0.9
193.0
SMF130A
EK
144.0
1.0
130
1.0
0.8
209.0
SMF150A
EM
167.0
1.0
150
1.0
0.7
243.0
SMF160A
EP
178.0
1.0
160
1.0
0.7
259.0
SMF170A
ER
189.0
1.0
170
1.0
1.2
275.0


Similar Part No. - SMF85A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
ON Semiconductor
SMF85A ONSEMI-SMF85A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Shanghai Leiditech Elec...
SMF85A LEIDITECH-SMF85A Datasheet
1Mb / 5P
   200W Transient Voltage Suppressor
01.06.2018
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Nanjing International G...
SMF85A DGNJDZ-SMF85A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMF85A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com