Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B32160 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B32160
Description  3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B32160 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B32160 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B32160 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B32160 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B32160 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8420C 05/04/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B32160
3.3V, Low Capacitance 16-Bit to 32-Bit, Demux PCI Hot Plug
BusSwitchwithPrechargedOutputsforLiveInsertion
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
TestConditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN=0V
2.6
3.2
COFF
A Capacitance, Switch Off
VIN=0V
8.0
9.5
COFF
B Capacitance, Switch Off
VIN=0V
4.2
4.7
CON
A/B Capacitance, Switch On
VIN=0V
11
14
Storage Temperature............................................................–65°C to +150°C
Ambient Temperature with Power Applied ........................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only) ... –0.3V to +4.6V
Supply Voltage to Ground Potential (Outputs & D/O Only) . –0.5V to +4.6V
DC Input Voltage................................................................... –0.5V to +4.6V
DC Output Current ..............................................................................120mA
Power Dissipation ................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the de-
vice. This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
DCElectricalCharacteristics(OvertheOperatingRange,TA=–40°Cto+85°C,VCC=3.3V±10%,VBIAS=1.3VtoVCC)
Parameters Description
Test Conditions(1)
Min. Typ.(2) Max.
Units
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
—
—
VIL
Input LOW Voltage
GuaranteedLogicLOWLevel
–0.5
—
0.8
IIH
InputHIGHCurrent
VCC=Max.,VIN=VCC
——±1
IIL
Input LOW Current
VCC=Max.,VIN=GND
—
—
±1
µA
IOZH
High Impedance Output Current A=0VorVCCmax.,VBIAS1=VBIAS2=VCCmax. —
—
+1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
—
–0.9
–1.8
V
RON
Switch On Resistance(4)
VCC=Min.,VIN=0.0V,
—
5
7
ION=48mA
VCC=Min.,VIN=2.4V,
—
9
15
ION=15mA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA= 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pins at indicated current through the switch. ON resistance is determined by the lower
of the voltages on the two (A & B) pins.
5. This parameter is determined by device characterization but is not production tested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
pF
V


Similar Part No. - PI3B32160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32160 PERICOM-PI3B32160 Datasheet
185Kb / 4P
   3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs
PI3B32160A PERICOM-PI3B32160A Datasheet
185Kb / 4P
   3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs
PI3B32160AE PERICOM-PI3B32160AE Datasheet
185Kb / 4P
   3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs
More results

Similar Description - PI3B32160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32160 PERICOM-PI3B32160 Datasheet
185Kb / 4P
   3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitch??with Precharged Outputs
logo
NXP Semiconductors
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
   10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
logo
Renesas Technology Corp
HD74CBT32160C RENESAS-HD74CBT32160C Datasheet
228Kb / 11P
   16-bit to 32-bit Demux PCI Hot-plug Bus Switch
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
   3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
PI3C6800 PERICOM-PI3C6800 Datasheet
387Kb / 5P
   2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
PI3C32160 PERICOM-PI3C32160 Datasheet
284Kb / 4P
   3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
PI5C32160C PERICOM-PI5C32160C Datasheet
263Kb / 4P
   16-Bit to 32-Bit, DeMux PCI Hot-Plug Bus Switch with 1.5V Undershoot Protection
PI5C32161C PERICOM-PI5C32161C Datasheet
206Kb / 4P
   16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with -2V Undershoot Protection
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com