Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5700-H4NB Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5700-H4NB
Description  Optical navigation technology
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5700-H4NB Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5700-H4NB Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5700-H4NB Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
Strap (Jumper) Table
The PID/string strap matrix is the following:
Part Number
Description
Resolution
(cpi)
Buttons
Tilt
Wheel
Z-Wheel
Sensor
Position
VID
PID
Mfg
String
Product
String
ADNS-5700-H3MB
Standard 3
buttons
1000
3
No
Mechanical
0x192F
0x0416
Null
USB Optical
Mouse
ADNS-5700-H4MB
Standard 3
buttons
1000
3
TW
Mechanical
0x192F
0x0416
Null
USB Optical
Mouse
ADNS-5700-H5MD
Standard 5
buttons
1000
5
No
Mechanical
0x192F
0x0616
Null
USB Optical
Mouse
ADNS-5700-H3NB
Standard 3
buttons
1000
3
No
Mechanical
270°
0x192F
0x0416
Null
USB Optical
Mouse
ADNS-5700-H4NB
Standard 3
buttons
1000
3
TW
Mechanical
270°
0x192F
0x0416
Null
USB Optical
Mouse
ADNS-5700-H5ND
Standard 5
buttons
1000
5
No
Mechanical
270°
0x192F
0x0616
Null
USB Optical
Mouse
DISCLAIMER: ALL DESIGNERS AND MANUFACTURERS OF THIS DESIGN MUST ASSURE THAT THEY HAVE ALL NECESSARY INTELLECTUAL PROPERTY
RIGHTS.
The XY motion reporting direction when is lens is attached to the sensor is shown in Fig 1b for 0° and Fig 1c for 270°
sensor orientation.
Figure 1b. Package pinout at 0°
Figure 1c. Package pinout at 270°
RB
LB
Top Xray View of Mouse
POSITIVE X
P
O
S
I
T
I
V
E
Y
7
4
3
12
18
17
16
15
14
13
11
10
9
8
6
5
2
1
RB
LB
Top Xray View of Mouse
POSITIVE X
P
O
S
I
T
I
V
E
Y


Similar Part No. - ADNS-5700-H4NB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-5712 PIXART-ADNS-5712 Datasheet
862Kb / 15P
   USB1.1 FULL SPEED SOC MOUSE SENSOR
More results

Similar Description - ADNS-5700-H4NB

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2030 AVAGO-ADNS-2030 Datasheet
566Kb / 34P
   Precise optical navigation technology
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
logo
AVAGO TECHNOLOGIES LIMI...
ADBS-A320 AVAGO-ADBS-A320 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 AVAGO-ADBM-A350 Datasheet
542Kb / 55P
   Optical Finger Navigation
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADBL-A321 AVAGO-ADBL-A321 Datasheet
392Kb / 4P
   Optical Finger Navigation Lens
logo
Pixart Imaging Inc.
ADBS-A350 PIXART-ADBS-A350_17 Datasheet
2Mb / 16P
   Optical Finger Navigation Chip
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com