Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4548 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA4548
Description  17 - 20 GHz 10 W GaN Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA4548 Datasheet HTML 1Page - TriQuint Semiconductor TGA4548 Datasheet HTML 2Page - TriQuint Semiconductor TGA4548 Datasheet HTML 3Page - TriQuint Semiconductor TGA4548 Datasheet HTML 4Page - TriQuint Semiconductor TGA4548 Datasheet HTML 5Page - TriQuint Semiconductor TGA4548 Datasheet HTML 6Page - TriQuint Semiconductor TGA4548 Datasheet HTML 7Page - TriQuint Semiconductor TGA4548 Datasheet HTML 8Page - TriQuint Semiconductor TGA4548 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TGA4548
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. A, November 18, 2016 | Subject to change without notice
5 of 11
www.qorvo.com
®
Performance Plots
Test conditions unless otherwise noted: VD1=VD2=VD3=28V, ID1+ID2+ID3=300mA, VG1=VG2=VG3=-2.6V typical, Temp
 = +25 °C,
Z0 =
 50 Ω
20
25
30
35
40
45
16
17
18
19
20
21
Frequency (GHz)
Psat vs. Vd vs. Frequency
28 V
25 V
22 V
0
200
400
600
800
1000
1200
1400
1600
1800
2000
20
22
24
26
28
30
32
34
36
38
40
42
44
-10
-5
0
5
10
15
20
Input Power (dBm)
Pout, Gain, Id vs. Pin @ 17.7 GHz
Pout
Gain
Id
5
10
15
20
25
30
35
40
15
16
17
18
19
20
21
22
Frequency (GHz)
PAE vs. Vd vs. Frequency
28 V
25 V
22 V
0
200
400
600
800
1000
1200
1400
1600
1800
2000
20
22
24
26
28
30
32
34
36
38
40
42
44
-10
-5
0
5
10
15
20
Input Power (dBm)
Pout, Gain, Id vs. Pin @ 18.5 GHz
Pout
Gain
Id
5
10
15
20
25
30
35
40
0
2
4
6
8
10 12 14 16 18 20 22 24
Input Power (dBm)
PAE vs. Pin vs. Frequency
17.7 GHz
18.5 GHz
19.7 GHz
0
200
400
600
800
1000
1200
1400
1600
1800
2000
20
22
24
26
28
30
32
34
36
38
40
42
44
-10
-5
0
5
10
15
20
Input Power (dBm)
Pout, Gain, Id vs. Pin @ 19.7 GHz
Pout
Gain
Id


Similar Part No. - TGA4548

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM-R TRIQUINT-TGA4548-SM-R Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA4548-SM-T TRIQUINT-TGA4548-SM-T Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA4548

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
   6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
   6??8 GHz 20 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com