Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-34JT Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-34JT
Description  1.9 A Miller Clamp Sinking Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-34JT Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-34JT Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-34JT Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External
Air Gap (Clearance)
L(101)
8.3
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic
Gap (Internal Clearance)
0.5
mm
Through insulation distance conductor to conductor, usually the
straight line distance thickness between the emitter and detector.
Tracking Resistance (Com-
parative Tracking Index)
CTI
>175
Volts
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
150
°C
Operating Temperature
TA
-40
125
°C
IC Junction Temperature
TJ
150
°C
1
Average Input Current
IF(AVG)
20
mA
Peak Transient Input Current
(<1us pulse width, 300pps)
IF(TRAN)
1
A
Reverse Input Voltage
VR
6
V
Peak Output Current
|IO(peak)|
2.5
A
2
Fault Output Current (Sinking)
IFAULT
10
mA
Fault Pin Voltage
VFAULT
-0.5
6
V
UVLO Output Current (Sinking)
IUVLO
10
mA
UVLO Pin Voltage
VUVLO
-0.5
6
V
Positive Input Supply Voltage
VCC1
-0.5
26
V
Total Output Supply Voltage
VCC2 - VEE2
-0.5
30
V
Negative Output Supply Voltage
VE - VEE2
-0.5
15
V
3
Positive Output Supply Voltage
VCC2 - VE
-0.5
30
V
Gate Drive Output Voltage
Vo(peak)
-0.5
VCC2 + 0.5
V
Peak Clamping Sinking Current
ICLAMP
2
A
2
Miller Clamping Pin Voltage
VCLAMP - VEE2
-0.5
VCC2
V
DESAT Voltage
VDESAT - VE
VE – 0.5
VCC2 + 0.5
V
4
Output IC Power Dissipation
PO
580
mW
1
Input IC Power Dissipation
PI
150
mW
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Notes
Operating Temperature
TA
-40
125
°C
Input Supply Voltage
VCC1
8
18
Volts
5
Total Output Supply Voltage
VCC2 - VEE2
15
25
V
6
Negative Output Supply Voltage
VE - VEE2
0
10
V
3
Positive Output Supply Voltage
VCC2 - VE
15
25
V
Input LED Current
IF(ON)
10
16
mA
Input Voltage (OFF)
VF(OFF)
-3.6
0.8
V
Input pulse width
tON(LED)
500
ns


Similar Part No. - ACPL-34JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-344JT AVAGO-ACPL-344JT Datasheet
315Kb / 17P
   Miller-Current Clamping
More results

Similar Description - ACPL-34JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
logo
STMicroelectronics
STGIPL35K120L1 STMICROELECTRONICS-STGIPL35K120L1 Datasheet
512Kb / 19P
   Active Miller clamp feature
February 2013 Rev 4
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-344JT AVAGO-ACPL-344JT Datasheet
315Kb / 17P
   Miller-Current Clamping
logo
Renesas Technology Corp
PS9332L RENESAS-PS9332L_15 Datasheet
656Kb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9332L CEL-PS9332L Datasheet
1Mb / 20P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
logo
Silicon Touch Technolog...
VM149F SITI-VM149F Datasheet
263Kb / 12P
   Programmable sinking output current
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
logo
Silicon Touch Technolog...
VM147 SITI-VM147 Datasheet
272Kb / 13P
   Programmable sinking output current
VM149B SITI-VM149B Datasheet
268Kb / 13P
   Programmable sinking output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com