Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-267XL Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-267XL
Description  Low power consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-267XL Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-267XL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-267XL Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Figure 10. Operating Circuit for Burn-In and Steady State Life Tests.
Figure 8. Test Circuit for t
EHL and tELH.
Figure 9. Enable Propagation Delay vs. Temperature.
GND
VCC
+3.3 V
D.U.T.
IF = 13 mA
PULSE
GENERATOR
ZO = 50 Ω
tr = 5 ns
CL*
RL
* CL INCLUDES PROBE AND
STRAY WIRING CAPACITANCE.
VE
VOUT
OUTPUT VE
MONITORING
NODE
OUTPUT VO
MONITORING
NODE
0.01 μF
BYPASS
GND
VCC
D.U.T.*
TA = +125
oC
* ALL CHANNELS TESTED SIMULTANEOUSLY.
VOC
CONDITIONS: IF = 20 mA
VCC
VIN
+-
(EACH OUTPUT)
(EACH INPUT)
IO = 25 mA
0.01 μF
200
Ω
5.3 V
(EACH OUTPUT)
+5.5 V
+5.5 V
200
Ω
0
10
20
30
40
50
60
70
80
-60 -40 -20 0 20 40 60 80 100 120 140
tEHL
tELH
TA - TEMPERATURE - °C
VCC = 3.3 V
VEH = 3.0 V
VEL = 0 V
IF = 13 mA


Similar Part No. - ACPL-267XL

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results

Similar Description - ACPL-267XL

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com