Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M71U Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M71U
Description  Industrial CANBus communications interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M71U Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M71U Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M71U Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Condition
Storage Temperature
TS
–55
+150
°C
Ambient Operating Temperature[1]
TA
–40
+125
°C
Supply Voltages
VDD
0
6.5
Volts
Output Voltage
VO
–0.5
VDD +0.5
Volts
Average Forward Input Current
IF
20.0
mA
Peak Transient Input Current
(IF at 1us pulse width, <10% duty cycle)
IF( TRAN)
1
80
A
mA
<1us Pulse Width, 300pps
<1us Pulse Width,
<10%Duty Cycle
Reverse Input Voltage
Vr
–5
V
Input Power Dissipation
PI
40
mW
Output Power Dissipation
Po
30
mW
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
+125
°C
Supply Voltages
VDD
3.0
5.5
V
Forward Input Current
IF(ON)
4.0
15
mA
Forward Off State Voltage
VF (OFF)
0.8
V
Input Threshold Current
ITH
3.5
mA


Similar Part No. - ACPL-M71U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M71T AVAGO-ACPL-M71T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M71T-000E BOARDCOM-ACPL-M71T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualification
More results

Similar Description - ACPL-M71U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61U-000E AVAGO-ACPL-M61U-000E Datasheet
255Kb / 9P
   CANBus Communications Interface
logo
Green Power Solutions s...
GSCB6-C GPSEMI-GSCB6-C Datasheet
204Kb / 2P
   RS485 & CANBUS communication interface board.
logo
Schneider Electric
HMIYMINCAN1 SCHNEIDER-HMIYMINCAN1 Datasheet
106Kb / 2P
   CANopen/CANBus interface, Harmony iPC, Mini PCIe 2xCanOpen/CanBus for
May 6, 2022
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
   isoSPI Isolated Communications Interface
logo
Motorola, Inc
MC6850 MOTOROLA-MC6850 Datasheet
1Mb / 12P
   ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com