Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M72U Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M72U
Description  Industrial CANBus communications interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M72U Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M72U Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Figure 8. ACPL-M72U (5V) Typical Propagation Delay vs Forward Current - IF
Figure 7. ACPL-M72U (5V) Typical Propagation Delay vs Temperature
-5
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
Temperature - °C
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
3
4
5
6
7
8
9
10 11
12
13 14
15
IF - Forward Current - mA
TPHL IF=4mA
TPLH
PWD
TPHL
TPLH Ta=25°C
PWD
TA - Temperature - °C
IF - Forward Current - mA
0
10
20
30
40
50
60
70
80
90
-40
-20
0
20
40
60
80
100
120
IF = 4mA, VDD =3V
T PHL
T PLH
PWD
0
10
20
30
40
50
60
70
80
34
56
789
10 11
12 13
14 15
TPHL
TPLH
PWD
TA = 25 ° C, V DD =3V
Figure 10. ACPL-M72U (3V) Typical Propagation Delay vs Input Forward
Current
Figure 9. ACPL-M72U (3V) Typical Propagation Delay vs Temperature


Similar Part No. - ACPL-M72U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M72T AVAGO-ACPL-M72T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M72T AVAGO-ACPL-M72T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M72T-000E AVAGO-ACPL-M72T-000E Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
More results

Similar Description - ACPL-M72U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61U-000E AVAGO-ACPL-M61U-000E Datasheet
255Kb / 9P
   CANBus Communications Interface
logo
Green Power Solutions s...
GSCB6-C GPSEMI-GSCB6-C Datasheet
204Kb / 2P
   RS485 & CANBUS communication interface board.
logo
Schneider Electric
HMIYMINCAN1 SCHNEIDER-HMIYMINCAN1 Datasheet
106Kb / 2P
   CANopen/CANBus interface, Harmony iPC, Mini PCIe 2xCanOpen/CanBus for
May 6, 2022
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
   isoSPI Isolated Communications Interface
logo
Motorola, Inc
MC6850 MOTOROLA-MC6850 Datasheet
1Mb / 12P
   ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com