Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-4501Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-4501Z
Description  Telecommunications switching systems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-4501Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-4501Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-4501Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-4501Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Plastic Optical Fiber Specifications: AFBR-HUXYYYZ
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Recommended Storage Temperature
TS
-55
+85
°C
Recommended Operating Temperature
TO
-40
+85
°C
Recommended Installation Temperature
Ti
-20
+70
°C
1
Short Term Tensile Force (simplex)
FT
50
N
2, 3
Short Term Bend Radius
r
20
mm
2, 4, 5
Long Term Bend Radius
r
35
mm
6, 4, 5
Long Term Tensile Load (simplex)
FT
1
N
6, 3
Flexing (r=20mm)
1000
Cycles
7, 8
UL VW-1 Flame Retardant
Mechanical Characteristics, TA = -40°C to +85°C unless otherwise specified
Parameter
Symbol
Min.
Typ. [12]
Max.
Unit
Note
Numerical Aperture
NA
0.48
9
Diameter Core and Cladding
DC
0.94
1.00
1.06
mm
Diameter Jacket
DJ
2.13
2.20
2.27
mm
Simplex cable
Refractive Index
Core
Cladding
n
1.492
1.412
Mass per Unit Length/Channel
5.2
g/m
10
Cable Leakage Current
IL
<5x10-5
nA
1KV,
l=0.11meters
Optical Characteristics, TA = -40°C to +85°C unless otherwise specified
Parameter
Symbol
Min.
Typ. [12]
Max.
Unit
Note
Cable Attenuation
Source: 660nm LED, 0.5 NA (HFBR-15xxZ)
αO
0.15
0.19
0.23
dB/m
Reference attenuation
Source: 650nm monochromatic, 0.15NA
αR
0.15
0.19
dB/m
Propagation Delay Constant
l/v
5.0
ns/m
11
Notes:
1. Installation temperature is the range over which the cable can be bent and pulled without damage. Below -20°C the cable becomes brittle and
should not be subjected to mechanical stress.
2. Short term: 30mins.
3. Fail criteria for tensile force test: elongation higher than 5% of original length.
4. Bend angle is 90°. Bend radius is the radius of the mandrel around which the cable is bent.
5. Fail criteria for bend radius test: increase in attenuation higher than 0.5dB.
6. Long term: 24hours.
7. Bend angle is ±90°. Bend radius is the radius of the mandrel around which the cable is bent.
8. Fail criteria for flexing test: increase in attenuation higher than 0.5dB.
9. Fiber length longer than 2 meters.
10. Without connectors
11. Propagation delay constant is the reciprocal of the group velocity for propagation delay of optical power. Group velocity is v=c/n, where c is the
velocity of light in free space (3x108 m/s) and n is the effective core index of refraction.
12. Typical data measured at 25°C.


Similar Part No. - HFBR-4501Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4501Z AVAGO-HFBR-4501Z Datasheet
160Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Broadcom Corporation.
HFBR-4501Z BOARDCOM-HFBR-4501Z Datasheet
332Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
More results

Similar Description - HFBR-4501Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RXXYYY AVAGO-HFBR-RXXYYY Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
FSP TECHNOLOGY INC.
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
   IPC systems, C ommunication systems, Embedded systems, POE systems
FSP090-DIEBN2 FSP-FSP090-DIEBN2 Datasheet
239Kb / 1P
   AIO systems, PC systems, Mini-ITX systems, Embedded systems
FSP150-AHAN2 FSP-FSP150-AHAN2 Datasheet
119Kb / 1P
   IPC systems, Embedded systems, Printers, POS systems
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
   AIO systems, PC systems, Mini-ITX systems
FSP150-AHBN2 FSP-FSP150-AHBN2 Datasheet
114Kb / 1P
   IPC systems, Embedded systems, Printers, POS systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com