Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C79B Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C79B
Description  Precision Miniature Isolation Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C79B Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-C79B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Package Outline Drawings
Stretched SO-8 Package (SSO-8)
Figure 2. SSO-8 package.
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-C79B/C79A/C790 is approved by the following organizations:
IEC/EN/DIN EN 60747-5-5
Approved with Maximum Working Insulation Voltage VIORM = 1414 Vpeak.
UL
Approval under UL 1577, component recognition program up to VISO = 5000 Vrms/1min. File E55361.
CSA
Approval under CSA Component Acceptance Notice #5, File CA 88324.
5.850 ± 0.50
(0.230 ± 0.010)
5
6
7
8
4
3
2
1
Dimensions in millimeters and (inches).
Lead coplanarity = 0.1 mm (0.004 inches).
6.807 ± 0.127
(0.268 ± 0.005)
RECOMMENDED LAND PATTERN
12.650 (0.5)
1.905 (0.1)
3.180 ± 0.127
(0.125 ± 0.005)
0.381 ± 0.130
(0.015 ± 0.005)
1.270
(0.050) BSG
(0.453 ± 0.010)
(0.008 ± 0.004)
(0.0295 ± 0.010)
0.200 ± 0.100
0.750 ± 0.250
11.50 ± 0.250
(0.063 ± 0.005)
1.590 ± 0.127
(0.018)
0.450
45°
RoHS-COMPLIANCE
INDICATOR
PART NUMBER
DATE CODE
C79B
YYWW
EEE
LOT ID


Similar Part No. - ACPL-C79B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
More results

Similar Description - ACPL-C79B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com