Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0723 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0723
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0723 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0723 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0723 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Package Characteristics
All Typical Specifications are at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input-Output Momentary
–7723
VISO
3750
V rms
RH ≤ 50%, t = 1 min,
Withstand Voltage[7,8,9]
Option 020
5000
TA = 25°C
–0723
3750
Input-Output Resistance[7]
R I-O
10 12
VI-O = 500V dc
Input-Output Capacitance
C I-O
0.6
pF
f = 1 MHz
Input Capacitance[10]
C I
3.0
pF
Input IC Junction-to-Case
–7723
θjci
145
°C/W
Thermocouple located at
Thermal Resistance
–0723
160
center underside of package
Output IC Junction-to-Case
–7723
θjco
145
°C/W
Thermal Resistance
–0723
135
Package Power Dissipation
PPD
150
mW
Notes:
1. Absolute Maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee functionality.
2. The LED is ON when VI is low and OFF when VI is high.
3. tPHL propagation delay is measured from the 50% level on the falling edge of the VI signal to the 50% level of the falling edge of the VO sig-
nal. tPLH propagation delay is measured from the 50% level on the rising edge of the VI signal to the 50% level of the rising edge of the VO
signal.
4. PWD is defined as |tPHL - tPLH|. %PWD (percent pulse width distortion) is equal to the PWD divided by pulse width.
5. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature
within the recommended operating conditions.
6. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum com-
mon mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common mode voltage slew rates apply to both rising
and falling common mode voltage edges.
7. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
8. In accordance with UL1577, each HCPL-0723 is proof tested by applying an insulation test voltage ≥ 4500 Vrms for 1 second (leakage detec-
tion current limit, II-O ≤ 5 µA). Each HCPL-7723 is proof tested by applying an insulation test voltage ≥ 4500 Vrms for 1 second (leakage detec-
tion current limit. II-O ≤ 5 µA.)
9. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to your equipment level safety specification or Avago Application Note 1074 entitled
“Optocoupler Input-Output Endurance Voltage.”
10. CI is the capacitance measured at pin 2 (VI).


Similar Part No. - HCPL-0723

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0723 HP-HCPL-0723 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0723-060 HP-HCPL-0723-060 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-060 AVAGO-HCPL-0723-060 Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0723-060E AVAGO-HCPL-0723-060E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results

Similar Description - HCPL-0723

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7723 HP-HCPL-7723 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com