Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-M454 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M454
Description  Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M454 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M454 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M454 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Insulation Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
L(IO1)
≥ 5
mm
Measured from input terminals
(Clearance)
to output terminals
Minimum External Tracking Path
L(IO2)
≥ 5
mm
Measured from input terminals
(Creepage)
to output terminals
Minimum Internal Plastic Gap
0.08
mm
Through insulation distance
(Clearance)
conductor to conductor
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (per DIN VDE 0109)
IIIa
Material Group DIN VDE 0109
Schematic
Land Pattern Recommendation
HCPL-M454 Schematic
IF
SHIELD
6
5
4
GND
VCC
1
3
VO
ICC
VF
IO
ANODE
CATHODE
+
Recommended Pb-Free IR Profile
8.27
(0.325)
2.0
(0.080)
2.5
(0.10)
1.3
(0.05)
0.64
(0.025)
4.4
(0.17)
DIMENSION IN MILLIMETERS (INCHES)
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
Note: Non-halide flux should be used.


Similar Part No. - HCPL-M454

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M454 HP-HCPL-M454 Datasheet
82Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
More results

Similar Description - HCPL-M454

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M454 HP-HCPL-M454 Datasheet
82Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com