Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIO-2262N-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIO-2262N-S6A1E
Description  Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-2262N-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIO-2262N-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. MIO-2262N-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
Features
MIO-2262
Intel® Atom™ N2600/ N2800 Pico-ITX
SBC, DDR3, 18/24-bit LVDS, VGA,
1 GbE, Full-size Mini PCIe, 4 USB,
2 COM, SMBus, I2C, mSATA & MIOe
ƒ Embedded Intel® Atom™ Dual-Core processor N2600/ N2800 + Intel NM10,
1 x DDR3 memory support up to 4 GB
ƒ DirectX 9, Dual Independent display: 18/24-bit LVDS + VGA
ƒ Flexible design using integrated multiple I/O: MIOe to approach vertical
applications & keep domain knowhow
ƒ Intel GbE support, Rich I/O interface with 2 COM, 1 SATA, 4 USB 2.0, GPIO,
SMBus, I2C, and MIOe expansion interface
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
Intel Atom Dual-Core N2600 1.6 GHz/ N2800 1.86 GHz
Frequency
Dual Core 1.6 GHz/ 1.86 GHz
L2 Cache
1 MB
System Chipset
Intel Atom N2600/ N2800 + Intel NM10
BIOS
AMI EFI 16 Mbit
Memory
Technology
DDR3 800 MHz (N2600), DDR3 1066 MHz (N2800)
Max. Capacity
4 GB
Socket
1 x 204-pin SODIMM
Display
Chipset
Integrated Intel GMA 3600 Series
Graphic Engine
DirectX 9 and OpenGL3.0 support
HW Accelerated Decode: MPEG2, H.264, VC-1
LVDS
18/24-bit LVDS1: up to 1366 x 768
VGA
Up to 1920 x 1200
Dual Display
VGA+LVDS
Ethernet
Speed
10/100/1000Mbps
Controller
Intel 82583V
Audio
Chipset
Realtek ALC892, High Definition Audio (HD), Line-in, Line out
WatchDog Timer
Output System reset, Programmable counter from 1 ~ 255 minutes/ seconds
Storage
mSATA*
1 (Supports mSATA or USB interface module or full size miniPCIe, selected by BIOS, defaulf is mSATA)
SATA
1, up to 3Gb/s (300MB/s)
Expansion
Mini PCI Express
1 x Full-size
MIOe
SMBus, 3 x USB2.0, LPC, 2 x PCIe x1, line out, DisplayPort/HDMI*, +5 Vsb/+12 Vsb power,
Power On, Reset
64-pin connecter A
12V DC input, Inverter, VGA, 2 x USB2.0, 1GbE w/ LED
64-pin connector B
SMBus, I2C, Power/Reset button, HDD/Power LED, 2 x USB2.0, 8-bit GPIO, HD Audio Line in/out,
2 x RS-232
Power
Power Type
Single 12V DC power input
Power Supply Voltage
Supports single 12V input, ± 10%
Total peripheral power supply output
5V @ 3A for CPU board and MIOe module totally, 12V @ 2A for MIOe module
Power Consumption (Typical)
N2600: 0.43 A @ 12 V (5.24 W)
N2800: 0.51 A@ 12 V (6.12 W)
Power Consumption (Max, test in HCT)
N2600: 0.67 A @ 12 V (8.05 W)
N2800: 0.82 A @ 12 V (9.8 W)
Power Management
ACPI
Battery
3 V / 210 mAH
Environment
Operation
0 ~ 60° C (32 ~ 140° F) (Operational humidity: 40° C @ 95% RH Non-Condensing)
Non-Operation
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
100 x 72 mm (3.9" x 2.8")
Weight
0.37 kg (0. 82 lb), weight of total package
Total Height
Top Side: 15.7 mm (including heatsink); Bottom Side: 8.4 mm; PCB: 1.6 mm
* The specification is supported by request
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
Monitoring
BIOS Flash
SMBus
& I2C
NEW
18/24-bit LVDS
DDR3 SO-DIMM Socket
Software APIs:
Utilities:
All product specifications are subject to change without notice
Last updated : 7-Dec-2015


Similar Part No. - MIO-2262N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2262N-S6A1E ADVANTECH-MIO-2262N-S6A1E Datasheet
770Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe,
MIO-2262N-S6A1E ADVANTECH-MIO-2262N-S6A1E Datasheet
924Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA,1 GbE, Full-size Mini PCIe, 4 USB,2 COM, SMBus, I2C, mSATA & MIOe
More results

Similar Description - MIO-2262N-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2262 ADVANTECH-MIO-2262_15 Datasheet
924Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA,1 GbE, Full-size Mini PCIe, 4 USB,2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261 ADVANTECH-MIO-2261 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261_1301 ADVANTECH-MIO-2261_1301 Datasheet
806Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261 ADVANTECH-MIO-2261_15 Datasheet
818Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3,18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe,4 USB, 2 COM, SMBus/I2C, mSATA & MIOe
MIO-2262 ADVANTECH-MIO-2262 Datasheet
770Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe,
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
865Kb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260 ADVANTECH-MIO-2260 Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-3260 ADVANTECH-MIO-3260 Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA,DP/HDMI, 1 GbE, Full-size Mini PCIe,4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-3260L-S8A1E ADVANTECH-MIO-3260L-S8A1E Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA, DP/HDMI, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2263 ADVANTECH-MIO-2263 Datasheet
1Mb / 2P
   Intel짰 Atom??SoC E3825/ J1900 Pico-ITX SBC,DDR3L, 24-bit LVDS, VGA or HDMI, 1 GbE,Half-size Mini PCIe, 4 USB, 2 COM, SMBus,mSATA & MIOe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com