Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2326 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2326
Description  PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2326 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2326 Datasheet HTML 1Page - National Semiconductor (TI) LM2326 Datasheet HTML 2Page - National Semiconductor (TI) LM2326 Datasheet HTML 3Page - National Semiconductor (TI) LM2326 Datasheet HTML 4Page - National Semiconductor (TI) LM2326 Datasheet HTML 5Page - National Semiconductor (TI) LM2326 Datasheet HTML 6Page - National Semiconductor (TI) LM2326 Datasheet HTML 7Page - National Semiconductor (TI) LM2326 Datasheet HTML 8Page - National Semiconductor (TI) LM2326 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
V
CC1
−0.3V to +6.5V
V
CC2
−0.3V to +6.5V
V
p
−0.3V to +6.5V
Voltage on Any Pin
with GND = 0V (V
I)
−0.3V to V
CC + 0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (T
L)
(solder, 4 sec.)
+260˚C
Recommended Operating
Conditions
Min
Max
Units
Power Supply Voltage
V
CC1
2.3
5.5
V
V
CC2
V
CC1
V
CC1
V
V
p
V
CC
5.5
V
Operating Temperature (T
A)
−40
+85
˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Recommended operating conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test condi-
tions, see the Electrical Characteristics. The guaranteed specifications apply
only for the test conditions listed.
Note 2: This device is a high performance RF integrated circuit with an ESD
rating < 2 keV and is ESD sensitive. Handling and assembly of this device
should only be done at ESD protected work stations.
Electrical Characteristics
V
CC = 3.0V, Vp = 3.0V; −40˚C < TA < 85˚C except as specified
Symbol
Parameter
Conditions
Values
Units
Min
Typ
Max
I
CC
Power Supply Current
LMX2306
V
CC = 2.3V to 5.5 V
1.7
mA
LMX2316
V
CC = 2.3V to 5.5V
2.5
mA
LMX2326
V
CC = 2.3V to 5.5V
4.0
mA
I
CC-PWDN
Powerdown Current
V
CC = 3.0V
1
µA
f
IN
RF Input Operating
Frequency
LMX2306
V
CC = 2.3V to 5.5V
25
550
MHz
LMX2316
V
CC = 2.3V to 5.5V
0.1
1.2
GHz
LMX2326
V
CC = 2.3V to 5.5V
0.1
2.1
GHz
V
CC = 2.6V to 5.5V
0.1
2.8
GHz
f
osc
Maximum Oscillator Frequency
5
40
MHz
f
φ
Maximum Phase Detector Frequency
10
MHz
Pf
IN
RF Input Sensitivity
V
CC = 3.0V
−15
+0
dBm
V
CC = 5.0V
−10
+0
dBm
V
CC =2.3V to 5.5V
−10
+0
dBm
P
osc
Oscillator Sensitivity
OSC
IN
−5
dBm
V
IH
High-Level Input Voltage
(Note 4)
0.8 x V
CC
V
V
IL
Low-Level Input Voltage
(Note 4)
0.2 x
V
CC
V
I
IH
High-Level Input Current
V
IH =VCC = 5.5V (Note 4)
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V, VCC = 5.5V
(Note 4)
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
Oscillator Input Current
V
IL = 0V, VCC = 5.5V
−100
µA
ICP
o-source
Charge Pump Output Current
V
Do =Vp/2, ICPo = LOW
(Note 3)
−250
µA
ICP
o-sink
V
Do =Vp/2, ICPo = LOW
(Note 3)
250
µA
ICP
o-source
V
Do =Vp/2, ICPo = HIGH
(Note 3)
−1.0
mA
ICP
o-sink
V
CPo =Vp/2, ICPo = HIGH
(Note 3)
1.0
mA
ICP
o-Tri
Charge Pump TRI-STATE Current
0.5
≤ V
CPo ≤ Vp − 0.5
−1.0
1.0
nA
−40˚C < T
A < 85˚C
ICP
o-sink vs
CP Sink vs Source Mismatch
V
CPo =Vp/2
5
%
ICP
o-source
T
A = 25˚C
www.national.com
3


Similar Part No. - LM2326

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM232-155.52M CONNOR-WINFIELD-LM232-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Power-One
LM2320-7 POWER-ONE-LM2320-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM2320-7 POWER-ONE-LM2320-7 Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM2320-7 POWER-ONE-LM2320-7 Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
National Semiconductor ...
LM2324 NSC-LM2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LM2326

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com