Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AB74 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AB74
Description  Well defi ned spatial radiation pattern
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AB74 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AB74 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
TJ = 25°C
Parameter
Red
Green/ Blue
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100 [2]
100 [3]
mA
Power Dissipation
120
114
mW
LED Junction Temperature
130
110
°C
Operating Temperature Range
-40 to +100
-40 to +85
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figures 4 and 8.
2. Duty Factor 30%, frequency 1 kHz.
2. Duty Factor 10%, frequency 1 kHz.
Electrical / Optical Characteristics
TJ = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
1.8
2.8
2.8
2.1
3.2
3.2
2.4
3.8
3.8
VIF = 20 mA
Reverse Voltage [3]
Red
Green and Blue
VR
5
5
V
IR = 100
μA
IR = 10
μA
Dominant Wavelength [1]
Red
Green
Blue
λd
618
527
464
626
530
470
630
535
472
nm
IF = 20 mA
Peak Wavelength
Red
Green
Blue
λPEAK
634
521
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Thermal Resistance
R
θJ-PIN
240
°C/W
LED Junction-to-Pin
Luminous Efficacy [2]
Red
Green
Blue
ηV
218
538
65
lm/W
Emitted Luminous Power/
Emitted Radiant Power
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp.
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/
ηV where IV is the luminous intensity in candelas and ηV is
the luminous efficacy in lumens/watt.
3. Indicates product final testing condition. Long term reverse bias is not recommended.


Similar Part No. - HLMP-AB74

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AB70 AVAGO-HLMP-AB70 Datasheet
273Kb / 10P
   High brightness material
HLMP-AB71 AVAGO-HLMP-AB71 Datasheet
273Kb / 10P
   High brightness material
More results

Similar Description - HLMP-AB74

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_11 Datasheet
403Kb / 2P
   NED-35_11
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com