Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EG3E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EG3E
Description  Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EG3E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EG3E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG3E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimension
Notes:
1. All dimensions in millimeters (inches).
2. Leads are mild steel with Sn plating terminal finish.
3. The epoxy meniscus is 1.21mm max.
4. For identification of polarity after the leads are trimmed
off, please refer to the illustration below:
CATHODE
ANODE
1.14 ±0.20
(0.045 ± 0.008)
5.80 ±0.20
(0.228 ±0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ±0.20
(0.343 ±0.008)
2.54 ±0.38
(0.100 ±0.015)
0.50 ±0.10
(0.020 ±0.004)
SQ. TYP.
CATHODE
LEAD
2.35 (0.093)
MAX.
CATHODE
FLAT
5.00 ± 0.20
(0.197 ± 0.008)


Similar Part No. - HLMP-EG3E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG3E AVAGO-HLMP-EG3E Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
HLMP-EG3E BOARDCOM-HLMP-EG3E Datasheet
185Kb / 1P
   Optical Mouse Sensor
HLMP-EG3E BOARDCOM-HLMP-EG3E Datasheet
58Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - HLMP-EG3E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
logo
Unity Opto Technology
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
MVL-324UYL UOT-MVL-324UYL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED Lamps
MVL-504UOL UOT-MVL-504UOL Datasheet
38Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-WLXX HP-HLMP-WLXX Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-504SO UOT-MVL-504SO Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-504UYL UOT-MVL-504UYL Datasheet
39Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-324UOL UOT-MVL-324UOL Datasheet
40Kb / 2P
   HIGH POWER AlInGaP LED LAMPs
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com