Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6348-44D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MAX6348-44D
Description  3-pin ultra-low power SC70/SOT microprocessor reset circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX6348-44D Datasheet(HTML) 5 Page - NXP Semiconductors

  MAX6348-44D Datasheet HTML 1Page - NXP Semiconductors MAX6348-44D Datasheet HTML 2Page - NXP Semiconductors MAX6348-44D Datasheet HTML 3Page - NXP Semiconductors MAX6348-44D Datasheet HTML 4Page - NXP Semiconductors MAX6348-44D Datasheet HTML 5Page - NXP Semiconductors MAX6348-44D Datasheet HTML 6Page - NXP Semiconductors MAX6348-44D Datasheet HTML 7Page - NXP Semiconductors MAX6348-44D Datasheet HTML 8Page - NXP Semiconductors MAX6348-44D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
MAX632x/MAX634x
3-pin ultra-low power SC70/SOT
microprocessor reset circuit
2003 Aug 05
5
ELECTRICAL CHARACTERISTICS
VDD = full range (Tamb = –40 °C to +85 °C) unless otherwise noted; typical values are at Tamb = +25 °C, and VDD = 3 V (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD range
Tamb = 0 °C to +70 °C
1.0
5.5
V
Tamb = –40 °C to +85 °C
1.2
5.5
V
IDD
Supply current
MAX632x only, VDD = 3.0 V for Vth ≤ 2.93 V,
VDD = 3.2 V for Vth > 2.93 V, no load
0.5
1.0
µA
VDD = 5.5 V, no load
1.0
1.75
µA
Vth
Reset threshold
(Table 1)
Tamb = +25 °C
Vth – 1.5%
Vth
Vth + 1.5%
V
(Table 1)
Tamb = –40 °C to +85 °C
Vth – 2.5%
Vth
Vth + 2.5%
V
∆Vth/°C
Reset threshold temperature
coefficient
40
ppm/
°C
tRD
VCC to Reset release delay
VDD = Vth to (Vth – 100 mV)
20
µs
tRP
Reset active timeout period
100
185
280
ms
VOL(RESET)
RESET output voltage
(reset asserted)
ISINK = 1.6 mA, VDD > 2.1 V
0.3
V
(reset asserted)
ISINK = 100 mA, VDD ≥ 1.2 V
0.4
V
VOH(RESET)
RESET output voltage
(reset released)
ISOURCE = 500 mA, VDD = 3.2 V, MAX6326 only
0.8
× VCC
V
(reset released)
ISOURCE = 800 µA, VDD = 4.5 V, Vth ≤ 4.38 V
0.8
× VCC
V
ISOURCE = 800 µA, VDD = Vth(MAX), Vth ≥ 4.5 V
0.8
× VCC
V
VOH(RESET)
RESET output voltage
(reset asserted)
ISOURCE = 500 µA, VDD ≥ 2.1 V
0.8
× VCC
V
()
(MAX6327/MAX6347)
ISOURCE = 50 µA, VDD ≥ 1.2 V
0.8
× VCC
V
VOL(RESET)
RESET output voltage
(reset released)
ISINK = 1.2 mA, VDD ≥ 3.2 V (MAX6327 only)
0.3
V
(reset released)
(MAX6327/MAX6347)
ISINK = 3.2 mA, VDD ≥ 3.2 V, Vth ≤ 4.38 V
0.4
V
(MAX6327/MAX6347)
ISINK = 3.2 mA, VDD = Vth(MAX), Vth ≥ 4.5 V
0.4
V
Vhys
RESET threshold hysteresis
MAX6326/MAX6327/MAX6328
6.3
mV
MAX6346/MAX6347/MAX6348
9.5
mV
Open-drain RESET output
leakage current
0.1
µA
NOTE:
1. Over-temperature limits are guaranteed by design and are not production tested.


Similar Part No. - MAX6348-44D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6348-T MAXIM-MAX6348-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6348-44D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
logo
EM Microelectronic - MA...
V6340 EMMICRO-V6340 Datasheet
1Mb / 8P
   Ultra Low Cost 3-Pin Microprocessor Reset
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com