Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HG75 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HG75
Description  Well defined spatial radiation pattern
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG75 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HG75 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG75 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Avago Technologies
- 7 -
HLMP-HG74/75, HLMP-HM74/75, HLMP-HB74/75
Data Sheet
InGaN Green and Blue
InGaN Green and Blue
Figure 5 Relative Intensity vs. Wavelength
Figure 6 Forward Current vs. Forward Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
WAVELENGTH - nm
GREEN
BLUE
0
20
40
60
80
100
012
345
FORWARD VOLTAGE - V
Figure 7 Relative Intensity vs. Forward Current
Figure 8 Maximum Forward Current vs. Ambient Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
40
60
80
100
120
FORWARD CURRENT-mA
Blue
Green
0
5
10
15
20
25
30
35
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE - °C
Figure 9 Relative Dominant Wavelength vs. Forward Current
-8
-6
-4
-2
0
2
4
6
0
20
40
60
80
100
120
FORWARD CURRENT-mA
Green
Blue


Similar Part No. - HLMP-HG75

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG71 AVAGO-HLMP-HG71 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
More results

Similar Description - HLMP-HG75

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
logo
Taoglas antenna solutio...
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com