Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-HL70 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HL70
Description  5mm Standard Oval Red and Amber LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HL70 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HL70 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL70 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Avago Technologies
- 6 -
HLMP-HG70/71, HLMP-HL70/71
Data Sheet
Electrical/Optical Characteristics (TJ = 25 °C)
Figure 7 Radiation Pattern for AMBER – Major Axis
Figure 8 Radiation Pattern for AMBER – Minor Axis
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 9 Relative Light Output vs. Junction Temperature
Figure 10 Forward Voltage Shift vs. Junction Temperature
0.1
1
10
-40
-20
0
20
40
60
80
100
120
140
TJ - JUNCTION TEMPERATURE
Red
Amber
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
-40
-20
0
20
40
60
80
100
120
140
TJ - JUNCTION TEMPERATURE
Red
Amber


Similar Part No. - HLMP-HL70

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HL62-TX0DD AVAGO-HLMP-HL62-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HL63-TX0DD AVAGO-HLMP-HL63-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
More results

Similar Description - HLMP-HL70

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com