Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-LG75 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LG75
Description  Red, Green and Blue 4 mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LG75 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-LG75 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-LG75 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Avago Color Bin on CIE 1931 Chromaticity Diagram
Blue Color Bin Table
Bin
Min
Dom
Max
Dom
2
464.0
468.0
x
0.1374
0.1766
0.1699
0.1291
y
0.0374
0.0966
0.1062
0.0495
3
468.0
472.0
x
0.1291
0.1699
0.1616
0.1187
y
0.0495
0.1062
0.1209
0.0671
Tolerance for each bin limit is
r 0.5 nm
Note:
1. All bin categories are established for classification of products.
Products may not be available in all bin categories. Please contact
your Avago representative for further information.
Green Color Bin Table
Bin
Min
Dom
Max
Dom
3
527
531
x
0.1305
0.1711
0.1967
0.1625
y
0.8189
0.7218
0.7077
0.8012
4
531
535
x
0.1625
0.1967
0.221
0.1929
y
0.8012
0.7077
0.692
0.7816
Tolerance for each bin limit is
r 0.5 nm
Red Color Range
Min
Dom
Max
Dom
618.0
630.0
x
0.6872
0.3126
0.6890
0.2943
y
0.6690
0.3149
0.7080
0.2920
Tolerance for each bin limit is
r 0.5 nm
0.000
0.200
0.400
0.600
0.800
1.000
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
X
Green
Red
Blue
2
3
3
4


Similar Part No. - HLMP-LG75

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
More results

Similar Description - HLMP-LG75

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com