Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5892FG-S7A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5892FG-S7A1E
Description  3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5892FG-S7A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5892FG-S7A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5892FG-S7A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-5892
Ordering Information
Part No.
CPU
CPU
TDP
LLC
PCH
DDR3
SODIMM
LVDS
VGA DDI Giga
LAN
HDA PEG
x16
PCIe
x1
USB
2.0
USB
3.0
SATA
LPC
Power
Thermal
Solution
Operating
Temp.
SOM-5892FG-U3A1E
Core™ i7-3615QE 2.3 GHz
45W
6 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-U1A1E
Core™ i7-3612QE 2.1 GHz
35W
6 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-U5A1E
Core™ i7-3555LE 2.5 GHz
25W
4 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-S7A1E
Core™ i7-3517UE 1.7 GHz
17W
4 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-U7A1E
Core™ i5-3610ME 2.7 GHz
35W
3 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-U4A1E
Core™ i3-3120ME 2.4 GHz
35W
3 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-S6A1E
Core™ i3-3217UE 1.6 GHz
17W
3 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-U2A1E
Celeron® 1020E 2.2 GHz
35W
2 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-S4A1E
Celeron® 1047UE 1.4 GHz
17W
2 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-S5A1E
Celeron® 927UE 1.5 GHz
17W
1 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892Z-U5A1E
Core™ i7-3555LE 2.5 GHz
25W
4 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-20 ~ 80° C
SOM-5892Z2-U5A1E
Core™ i7-3555LE 2.5 GHz
25W
4 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-40 ~ 85° C
SOM-5892Z-S7A1E
Core™ i7-3517UE 1.7 GHz
17W
4 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-20 ~ 80° C
SOM-5892Z2-S7A1E
Core™ i7-3517UE 1.7 GHz
17W
4 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-40 ~ 85° C
SOM-5892Z-S6A1E
Core™ i3-3217UE 1.6 GHz
17W
3 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-20 ~ 80° C
SOM-5892Z2-S6A1E
Core™ i3-3217UE 1.6 GHz
17W
3 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-40 ~ 85° C
SOM-5892Z-S4A1E
Celeron® 1047UE 1.4 GHz
17W
2 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-20 ~ 80° C
SOM-5892Z2-S4A1E
Celeron® 1047UE 1.4 GHz
17W
2 MB
QM77 non-ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
-40 ~ 85° C
SOM-5892FG-U3B1E
Core™ i7-3615QE 2.3 GHz
45W
6 MB
QM77 ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-U7B1E
Core™ i5-3610ME 2.7 GHz
35W
3 MB
QM77 ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
SOM-5892FG-S6B1E
Core™ i3-3217UE 1.6 GHz
17W
3 MB
QM77 ECC
18/24-bit
Yes
3
1
Yes
1
7
8
4
4 SATA
Yes
AT/ATX
Active
0 ~ 60° C
Note: Passive = fanless; Active = with fan
Development Board
Part No.
Description
SOM-DB5800-00A2E
COM Express® Development Board A2 Type 6 Pin-out
Packing List
Part No.
Description
Quantity
-
SOM-5892 CPU Module
1
1960052353N011
Heatspreader
1
Optional Accessories
Part No.
Description
1960048820N001
Semi-Cooler 125x95x33.5mm with 12V Fan
LPC BUS
QM77
Intel Core
i7/i5/i3/Celeron
PCIe x16 or 2 PCIe x8 or
1 PCIe x8 and 2 PCIe x4
FDI
DMI
Dual LVDS Channel
Analog VGA
Ethernet
Giga LAN
82579LM
6 PCIe x1
2 SATAII ; 2 SATAIII
Azalia HD Audio
8 USB 2.0
1 PCIe x1
iManager
WDT / GPIO / I2C
SMBus
SPI BIOS
SPI Bus
RS1 / RS2 / FAN
DDI 1
HDMI / DVI / DisplayPort
DDI 2
HDMI / DVI / DisplayPort
DDI 3
HDMI / DVI / DisplayPort
1 PCIex1
4 USB 3.0
TPM
(Optional)
IMVP 7
1333/1600MHz
up to 16GB
A1: non ECC
B1: ECC
2x 204pin SODIMM
Dual Channel DDR3/3L


Similar Part No. - SOM-5892FG-S7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5892FG-S7A1E ADVANTECH-SOM-5892FG-S7A1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892FG-S7A1E ADVANTECH-SOM-5892FG-S7A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5892FG-S7A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5892 ADVANTECH-SOM-5892_15 Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-9890 ADVANTECH-SOM-9890_15 Datasheet
622Kb / 2P
   3rd Gen. Intel짰 Core??Socket COM Express짰 Basic Module
SOM-5890 ADVANTECH-SOM-5890_15 Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5894 ADVANTECH-SOM-5894 Datasheet
1Mb / 2P
   4th Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5790 ADVANTECH-SOM-5790_15 Datasheet
768Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
logo
List of Unclassifed Man...
EmETXe-i77M2-3517UE ETC2-EmETXe-i77M2-3517UE Datasheet
431Kb / 2P
   Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
logo
DFI Inc
CR960-QM77 DFI-CR960-QM77 Datasheet
945Kb / 2P
   3rd Gen Intel Core COM Express Basic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com