Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5892FG-U2A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5892FG-U2A1E
Description  3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5892FG-U2A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5892FG-U2A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5892FG-U2A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
3rd Gen. Intel® Core™ Processor
COM Express® Basic Module
SOM-5892
ƒ Embedded Intel® Core™ i7/i5/i3/Celeron® processor + QM77
ƒ Supports Dual Channel DDR3-1600, DDR3L-1333 SODIMM sockets up to
16 GB
ƒ Supports PCIe x16, 7 PCIe x1, 2 SATAIII, 2 SATAII, 8 USB 2.0, 4 USB 3.0,
GbE
ƒ Supports 3 independent displays: VGA, LVDS, DVI, HDMI, DisplayPort
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Form Factor
COM Express 2.0 Basic Module, Type 6 Pin-out
Processor System
CPU
Intel Core i7-3615QE Processor (4C, 6M Cache, 2.3 GHz)
Intel Core i7-3612QE Processor (4C, 6M Cache, 2.1 GHz)
Intel Core i7-3555LE Processor (2C, 4M Cache, 2.5 GHz)
Intel Core i7-3517UE Processor (2C, 4M Cache, 1.7 GHz)
Intel Core i5-3610ME Processor (2C, 3M Cache, 2.7 GHz)
Intel Core i3-3120ME Processor (2C, 3M Cache, 2.4 GHz)
Intel Core i3-3217UE Processor (2C, 3M Cache, 1.6 GHz)
Intel Celeron 1020E Proessor (2C, 2M Cache, 2.2 GHz)
Intel Celeron 1047UE Processor (2C, 2M Cache, 1.4 GHz)
Intel Celeron 927UE Processor (1C, 1M Cache, 1.5 GHz)
System Chipset
Intel QM77
BIOS
AMI EFI 64Mb
Memory
Memory Technology
DDR3 1333/1600 MHz, DDR3L 1333 MHz
ECC Support
A1 Series: not supported, B1 Series: supported
Max Capacity
16 GB
Socket
2 x 204-pin SODIMM sockets
Display
Graphics
Intel Gfx Engine
LCD
Single and dual channel 18/24-bit LVDS
VGA
2048 x 1536
DDI
3 ports support HDMI, DVI, DisplayPort
Multi-Displays
3 independent displays: VGA, LVDS, DVI, HDMI, DisplayPort
Ethernet
Chipset
82579LM
Speed
10/100/1000 Mbps
WatchDog Timer
65536 level, 0 ~ 65535 sec
Expansion
PEG x16, 7 PCIe x1
I/O
SATA
2 SATAIII
2 SATAII
USB
8 USB 2.0
4 USB 3.0
Audio
HD Audio
GPIO
8-bit
COM
2 Ports
TPM
Optional
Power
Power Type
ATX, AT
Power Supply Voltage
ATX (12 V, 5 Vsb)
AT (12 V)
Power Consumption (Max.)
i7-3615QE w/ DDR3 16 GB: 41.8 W @ 12 V
Power Consumption (Idle)
i7-3616QE w/ DDR3 16 GB: 5.4 W @ 12 V
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - SOM-5892FG-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5892FG-U2A1E ADVANTECH-SOM-5892FG-U2A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5892FG-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5892 ADVANTECH-SOM-5892_15 Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-9890 ADVANTECH-SOM-9890_15 Datasheet
622Kb / 2P
   3rd Gen. Intel짰 Core??Socket COM Express짰 Basic Module
SOM-5890 ADVANTECH-SOM-5890_15 Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5894 ADVANTECH-SOM-5894 Datasheet
1Mb / 2P
   4th Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5790 ADVANTECH-SOM-5790_15 Datasheet
768Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
logo
List of Unclassifed Man...
EmETXe-i77M2-3517UE ETC2-EmETXe-i77M2-3517UE Datasheet
431Kb / 2P
   Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
logo
DFI Inc
CR960-QM77 DFI-CR960-QM77 Datasheet
945Kb / 2P
   3rd Gen Intel Core COM Express Basic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com