Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5110-BC Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI5110-BC
Description  SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5110-BC Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5110-BC Datasheet HTML 5Page - Silicon Laboratories SI5110-BC Datasheet HTML 6Page - Silicon Laboratories SI5110-BC Datasheet HTML 7Page - Silicon Laboratories SI5110-BC Datasheet HTML 8Page - Silicon Laboratories SI5110-BC Datasheet HTML 9Page - Silicon Laboratories SI5110-BC Datasheet HTML 10Page - Silicon Laboratories SI5110-BC Datasheet HTML 11Page - Silicon Laboratories SI5110-BC Datasheet HTML 12Page - Silicon Laboratories SI5110-BC Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
S i5110
Preliminary Rev. 0.41
9
Table 5. AC Characteristics (Receiver PLL)
(VDD = 1.8 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Jitter Tolerance
JTOL(PP)
f = 600 Hz
15
30
UIpp
f = 6000 kHz
1.5
3.0
UIpp
f = 100 kHz
1.5
3.0
UIpp
f = 1 MHz
0.15
0.3
UIpp
Acquisition Time
TAQ
——
20
µs
Input Reference Clock Frequency
RCFREQ
REFRATE = 1
155
167
MHz
REFRATE = 0
78
83
MHz
Reference Clock Duty Cycle
RCDUTY
40
50
60
%
Reference Clock Frequency
Tolerance
RCTOL
–100
100
ppm
Frequency Difference at which
Receive PLL goes out of Lock
(REFCLK compared to the
divided down VCO clock)
LOL
TBD
600
1000
ppm
Frequency Difference at which
Receive PLL goes into Lock
(REFCLK compared to the
divided down VCO clock)
LOCK
TBD
300
TBD
ppm
Note: Bellcore specifications: GR-1377-CORE, Issue 5, December 1998.
Table 6. AC Characteristics (Transmitter Clock Multiplier)
(VDD = 1.8 V ±5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Jitter Generation
JGEN(rms)
PRBS 23
0.005
TBD
UIRMS
Jitter Transfer Bandwidth
JBW
BWSEL = 0
6
kHz
BWSEL = 1
25
kHz
Jitter Transfer Peaking
0.05
0.1
dB
Acquisition Time
TAQ
Valid REFCLK
20
µs
Input Reference Clock Frequency
RCFREQ
REFRATE = 1
155
167
MHz
REFRATE = 0
78
84
MHz
Input Reference Clock Duty
Cycle
RCDUTY
40
60
%
Input Reference Clock Frequency
Tolerance
RCTOL
–100
100
ppm
Note: Bellcore specifications: GR-1377-CORE, Issue 5, December 1998.


Similar Part No. - SI5110-BC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5110-EVB SILABS-SI5110-EVB Datasheet
3Mb / 48P
   Evaluation Board Set for Si5100 and Si5110 OC-48/STM-16 SONET/SDH TRANSCEIVERS
More results

Similar Description - SI5110-BC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Exar Corporation
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5944LZ AVAGO-AFCT-5944LZ Datasheet
526Kb / 16P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
logo
Broadcom Corporation.
AFCT-5943XXZ BOARDCOM-AFCT-5943XXZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com