Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-282Z-BLKG Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-282Z-BLKG
Description  RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-282Z-BLKG Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-282Z-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Z-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HSMS-282Z
RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
Data Sheet
Description/Applications
Avago Technologies’s HSMS-282Z is a RF Schottky Barrier
Diode, featuring low series resistance, low forward volt-
age at all current levels and good RF characteristics.
It is housed in a low cost, industrial standard surface
mount package - SOD-323. This package offers customer
who already use SOT-23 and SOT-323 packages, a logical
transition to a smaller package outline to accommodate
end product design with limited board space.
The HSMS-282Z is specially designed for both analog
and digital applications. The typical applications are mix-
ing, detecting, switching, sampling, clamping and wave
shaping.
Features
• 2 Leads Surface Mount Package
• Low Turn-On Voltage
• Low Series Resistance
• Microwave Frequency Operation
• Tape and Reel Options Available
• Low Failure in Time (FIT) Rate
• MSL1 & Lead Free
Package Marking and Pin Connections
Note: Package marking provides orientation and identification
“D” = Device Code
“?” = Month code indicates the month of manufacture
D?
Table 1. Absolute Maximum Ratings [1] at Tc = +250C
Symbol Parameter
Unit
Max Rating
If
Forward Current (1 µs Pulse)
Amp
1
PIV
Peak Inverse Voltage
V
15
Tj
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-60 to 150
qjc
Thermal Resistance [2]
°C/W
135
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. Thermal Resistance is measured from junction to board using IR
method.


Similar Part No. - HSMS-282Z-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2820 HP-HSMS-2820 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2820 AVAGO-HSMS-2820 Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
HSMS-2820 AVAGO-HSMS-2820 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2820 BOARDCOM-HSMS-2820 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2820-BLK HP-HSMS-2820-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-282Z-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-282Y AVAGO-HSMS-282Y Datasheet
199Kb / 5P
   RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
   RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
   General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
HSMP-381Z-TR1G AVAGO-HSMP-381Z-TR1G Datasheet
182Kb / 5P
   Low Distortion Attenuator RF PIN Diodes In Surface Mount SOD-323 Package
HSMP-389Y AVAGO-HSMP-389Y Datasheet
180Kb / 4P
   RF Switching PIN Diodes In Surface Mount SOD-523 Package
HSMS-286Y AVAGO-HSMS-286Y Datasheet
184Kb / 4P
   Microwave Schottky Detector Diodes In Surface Mount SOD-523 Package
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
   200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Foshan Blue Rocket Elec...
SD103AWS FOSHAN-SD103AWS Datasheet
659Kb / 6P
   Schottky Diode in a SOD-323 Plastic Package
BAT54J FOSHAN-BAT54J Datasheet
736Kb / 6P
   Schottky Diode in a SOD-323 Plastic Package
B5817WS FOSHAN-B5817WS Datasheet
1Mb / 6P
   Schottky Diode in a SOD-323 Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com