Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448W Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1N4448W
Description  Small Signal Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4448W Datasheet(HTML) 4 Page - Vishay Siliconix

  1N4448W Datasheet HTML 1Page - Vishay Siliconix 1N4448W Datasheet HTML 2Page - Vishay Siliconix 1N4448W Datasheet HTML 3Page - Vishay Siliconix 1N4448W Datasheet HTML 4Page - Vishay Siliconix 1N4448W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1N4448W
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 13-May-13
4
Document Number: 85722
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): SOD-123
2.85 (0.112)
2.55 (0.100)
3.85 (0.152)
3.55 (0.140)
Mounting Pad Layout
2.5 (0.098)
0.85 (0.033)
0.85 (0.033)
Cathode bar
0.45 (0.018)
0.25 (0.010)
0.5 (0.020) ref.
Rev. 4 - Date: 24. Sep. 2009
Document no.: S8-V-3910.01-001 (4)
17432


Similar Part No. - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
1N4448W CHENDA-1N4448W Datasheet
532Kb / 2P
   FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4448W PANJIT-1N4448W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
DONGGUAN YOU FENG WEI E...
1N4448W YFWDIODE-1N4448W Datasheet
534Kb / 2P
   Fast switching Diode
logo
Tak Cheong Electronics ...
1N4448W TAK_CHEONG-1N4448W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
WILLAS ELECTRONIC CORP
1N4448W WILLAS-1N4448W Datasheet
428Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
More results

Similar Description - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com