Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX9712 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX9712
Description  Managed PCI Express Switches Based on ExpressFabric Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX9712 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX9712 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX9712 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX9712 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Brief
|
2
TunneledWindow Connection (TWC)
The DMA or TWC approaches are two ways hosts can communicate. TWC allows short messages to
be sent from one host to another in a very low latency manner, and without the overhead associated
with DMA.
Downstream Port Containment (DPC/eDPC)
Most servers have difficulty handling serious errors, especially when a PCIe end-point disappears
from the system. DPC/eDPC allows a downstream link to be disabled after an uncorrectable error,
making recovery possible in a controlled and robust manner.
FlexibleTopologies
PEX9700 switches eliminate the topology restrictions of PCIe. The switch allows other topologies
such as mesh, I/O Expansion Box with Multiple Hosts, and many others. And it does this while
allowing the components to remain architecturally and software compatible with standard PCIe.
Improved SSC Isolation
The switches offer several mechanisms for supporting multi-clock domains that include spread
spectrum clocking; eliminating the need to pass a common clock across a backplane. In addition to
the standard Avago approach to the problem, a new PCI-SIG approach called SRIS (Separate Refclk
Independent SSC Architecture) is now available.
Applications
Products based on ExpressFabric technology can help deliver an outstanding solution for designing
a heterogeneous system with a requirement for a flexible mix of processors, storage elements, and
communication devices.
HPC Clusters
HPC clusters are made up of high-performance processing elements that communicate through
high bandwidth, low latency pathways in order to execute applications such as medical imaging,
financial trading, data warehousing, etc. PEX9700 switches can be used in switch fabric applications
for HPC clustering. The processing subsystems can be connected to the PCIe fabric while running
the same application software. PCIe switch based clustering eliminates expensive protocol bridging
devices resulting in lower cost and power. And clustering systems can be built with I/O sharing as
an additional native capability when needed.
Software Development Kit (SDK)
The SDK for the PEX9700 series includes drivers, source code and GUI interfaces to aid in configuring
and debugging. Both the performancePAK™ and visionPAK™ are exclusive to Avago and are
supported by its RDK and SDK, which are the industry’s most advanced hardware-and software
development kits.
performancePAK
The performancePAK is a suite of unique and innovative performance features that allows Avago
Gen 3 switches to be the highest performing switches in the market today.
visionPAK
The visionPAK is a debug diagnostics suite of integrated hardware and software instruments that
allows users to help bring their systems to market faster.
Key Advantages (continued)
n
Quality of Service (QoS)
– 8 Traffic Classes (TC) supported
n
Reliability, Availability, Serviceability
– visionPAK™
– performance PAK™
– DPC/eDPC Support
– Read Tracking for surprise removal
– All ports Hot-Plug capable thru
I2C –SSC isolation on all ports
– SRIS support
– ECRC and Poison bit support
– Port Status bits and GPIO available


Similar Part No. - PEX9712

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
PEX9712 BOARDCOM-PEX9712 Datasheet
214Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric짰 Technology
PEX9712-B080BCG BOARDCOM-PEX9712-B080BCG Datasheet
214Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric짰 Technology
More results

Similar Description - PEX9712

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX9797 AVAGO-PEX9797 Datasheet
471Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric
logo
Broadcom Corporation.
PEX9700 BOARDCOM-PEX9700 Datasheet
214Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric짰 Technology
logo
Maxim Integrated Produc...
MAX4888 MAXIM-MAX4888 Datasheet
267Kb / 16P
   2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
logo
NXP Semiconductors
SAA7160ETV2 NXP-SAA7160ETV2 Datasheet
246Kb / 57P
   PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160E NXP-SAA7160E Datasheet
246Kb / 57P
   PCI Express based audio and video bridge
Rev. 01-25 February 2008
logo
Silicom Ltd.
FB1C1XLGA10 SILICOM-FB1C1XLGA10 Datasheet
703Kb / 5P
   Programmable PCI Express Server Adapter Based on Intel FPGA Arria 10 GX/GT
FB2CGA10T11 SILICOM-FB2CGA10T11 Datasheet
229Kb / 2P
   Programmable PCI Express Server Adapter Intel FPGA based
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
   Based on digital Memosens technology
2021-12-31
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com