Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8ETL06SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-8ETL06SPBF
Description  Benchmark ultralow forward voltage drop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8ETL06SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-8ETL06SPBF Datasheet HTML 1Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 2Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 3Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 4Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 5Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 6Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 7Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 8Page - Vishay Siliconix VS-8ETL06SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-8ETL06SPbF, VS-8ETL06-1PbF
www.vishay.com
Vishay Semiconductors
Revision: 15-Nov-16
1
Document Number: 94029
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC,
8 A FRED Pt®
FEATURES
• Benchmark ultralow forward voltage drop
• Hyperfast recovery time
• Low leakage current
• 175 °C operating junction temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
State of the art, ultralow VF, soft-switching hyperfast
rectifiers optimized for discontinuous (critical) mode (DCM)
power factor correction (PFC).
The minimized conduction loss, optimized stored charge
and low recovery current minimize the switching losses and
reduce over dissipation in the switching element and
snubbers.
The device is also intended for use as a freewheeling diode
in power supplies and other power switching applications.
APPLICATIONS
AC/DC SMPS 70 W to 400 W
e.g. laptop and printer AC adaptors, desktop PC, TV and
monitor, games units and DVD AC/DC power supplies.
PRODUCT SUMMARY
Package
TO-263AB (D2PAK), TO-262AA
IF(AV)
8 A
VR
600 V
VF at IF
0.81 V
trr typ.
60 ns
TJ max.
175 °C
Diode variation
Single die
TO-262AA
TO-263AB (D2PAK)
Anode
1
3
Base
cathode
2
N/C
Anode
1
3
2
N/C
VS-8ETL06SPbF
VS-8ETL06-1PbF
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 160 °C
8
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
175
Peak repetitive forward current
IFM
16
Operating junction and storage temperatures
TJ, TStg
-65 to +175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 8 A
-
0.96
1.05
IF = 8 A, TJ = 150 °C
-
0.81
0.86
Reverse leakage current
IR
VR = VR rated
-
0.05
5
μA
TJ = 150 °C, VR = VR rated
-
20
100
Junction capacitance
CT
VR = 600 V
-
17
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - VS-8ETL06SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETL06SPBF VISHAY-VS-8ETL06SPBF Datasheet
163Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt짰
08-Feb-17
VS-8ETL06SPBF VISHAY-VS-8ETL06SPBF_V01 Datasheet
163Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt짰
08-Feb-17
More results

Similar Description - VS-8ETL06SPBF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST8100 SMC-ST8100 Datasheet
240Kb / 8P
   Ultralow forward voltage drop
ST560S SMC-ST560S Datasheet
181Kb / 5P
   Ultralow forward voltage drop
STB40H100C SMC-STB40H100C Datasheet
205Kb / 5P
   Ultralow forward voltage drop
logo
Vishay Siliconix
VS-95SQ015 VISHAY-VS-95SQ015 Datasheet
140Kb / 7P
   Ultralow forward voltage drop
Revision: 09-Sep-11
logo
Sangdest Microelectroni...
STF20H150C SMC-STF20H150C Datasheet
252Kb / 5P
   Ultralow forward voltage drop
STF30H150C SMC-STF30H150C Datasheet
257Kb / 5P
   Ultralow forward voltage drop
STF4080C SMC-STF4080C Datasheet
180Kb / 5P
   Ultralow forward voltage drop
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com