Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8ETL06-1PbF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-8ETL06-1PbF
Description  Benchmark ultralow forward voltage drop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8ETL06-1PbF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-8ETL06-1PbF Datasheet HTML 1Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 2Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 3Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 4Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 5Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 6Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 7Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 8Page - Vishay Siliconix VS-8ETL06-1PbF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-8ETL06SPbF, VS-8ETL06-1PbF
www.vishay.com
Vishay Semiconductors
Revision: 15-Nov-16
2
Document Number: 94029
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 100 A/μs, VR = 30 V
-
60
100
ns
IF = 8 A, dIF/dt = 100 A/μs, VR = 30 V
-
150
250
TJ = 25 °C
IF = 8 A
dIF/dt = 200 A/μs
VR = 390 V
-
170
-
TJ = 125 °C
-
250
-
Peak recovery current
IRRM
TJ = 25 °C
-
15
-
A
TJ = 125 °C
-
20
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
1.3
-
μC
TJ = 125 °C
-
2.6
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-65
-
175
°C
Thermal resistance,
junction to case per leg
RthJC
-1.4
2
°C/W
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
70
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and
greased
-0.5
-
Weight
-2.0
-
g
-0.07-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf · in)
Marking device
Case style TO-263AB (D2PAK)
8ETL06S
Case style TO-262
8ETL06-1


Similar Part No. - VS-8ETL06-1PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETL06-1PBF VISHAY-VS-8ETL06-1PBF Datasheet
163Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt짰
08-Feb-17
More results

Similar Description - VS-8ETL06-1PbF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST8100 SMC-ST8100 Datasheet
240Kb / 8P
   Ultralow forward voltage drop
ST560S SMC-ST560S Datasheet
181Kb / 5P
   Ultralow forward voltage drop
STB40H100C SMC-STB40H100C Datasheet
205Kb / 5P
   Ultralow forward voltage drop
logo
Vishay Siliconix
VS-95SQ015 VISHAY-VS-95SQ015 Datasheet
140Kb / 7P
   Ultralow forward voltage drop
Revision: 09-Sep-11
logo
Sangdest Microelectroni...
STF20H150C SMC-STF20H150C Datasheet
252Kb / 5P
   Ultralow forward voltage drop
STF30H150C SMC-STF30H150C Datasheet
257Kb / 5P
   Ultralow forward voltage drop
STF4080C SMC-STF4080C Datasheet
180Kb / 5P
   Ultralow forward voltage drop
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com