Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC182D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC182D
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC182D Datasheet(HTML) 3 Page - Texas Instruments

  SN65LBC182D Datasheet HTML 1Page - Texas Instruments SN65LBC182D Datasheet HTML 2Page - Texas Instruments SN65LBC182D Datasheet HTML 3Page - Texas Instruments SN65LBC182D Datasheet HTML 4Page - Texas Instruments SN65LBC182D Datasheet HTML 5Page - Texas Instruments SN65LBC182D Datasheet HTML 6Page - Texas Instruments SN65LBC182D Datasheet HTML 7Page - Texas Instruments SN65LBC182D Datasheet HTML 8Page - Texas Instruments SN65LBC182D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
3
www.ti.com
absolute maximum ratingsover operating free−air temperature range unless otherwise noted
Supply voltage range, (see Note 1) VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal (A or B)
−15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (D, DE, R or RE)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output current, IO
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Human body model (see Note 2)
A, B, GND
15 kV
. . . . . . . . . . . . . . . . . . . . . .
All pins
3 kV
. . . . . . . . . . . . . . . . . . . . . . . . . .
Contact discharge (IEC61000-4-2)
A, B, GND
8 kV
. . . . . . . . . . . . . . . . . . . . . . .
Air discharge (IEC61000-4-2)
A, B, GND
15 kV
. . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
2. Tested in accordance with JEDEC Standard 22, Test Method A114-A.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
P
1150 mW
9.2 mW/
°C
736 mW
598 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
NOTE: The maximum operating junction temperature is internally limited. Use the dissipation rating table
to operate below this temperature
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Voltage at any bus I/O terminal (separately or common mode) VI or VIC
−7
12
V
High-level input voltage, VIH
D, DE, RE
2
V
Low-level input voltage, VIL
D, DE, RE
0.8
V
Differential input voltage, VID (see Note 3)
−12
12
V
Output current, IO
Driver
−60
60
mA
Output current, IO
Receiver
−8
4
mA
Operating free-air temperature, TA
SN65LBC182
−40
85
°C
Operating free-air temperature, TA
SN75LBC182
0
70
°C
NOTE 3: Differential input/output bus voltage is measured at the noninverting terminal A with respect to the inverting terminal B.


Similar Part No. - SN65LBC182D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC182D TI-SN65LBC182D Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182D TI-SN65LBC182D Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182DG4 TI-SN65LBC182DG4 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182DR TI-SN65LBC182DR Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182DRG4 TI-SN65LBC182DRG4 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65LBC182D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com