Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD99F-5060 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # SMD99F-5060
Description  5-TAP, TTL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

SMD99F-5060 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  SMD99F-5060 Datasheet HTML 1Page - Data Delay Devices, Inc. SMD99F-5060 Datasheet HTML 2Page - Data Delay Devices, Inc. SMD99F-5060 Datasheet HTML 3Page - Data Delay Devices, Inc. SMD99F-5060 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD99F
Doc #97017
DATA DELAY DEVICES, INC.
1
1/30/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP, TTL-INTERFACED
FIXED DELAY LINE
(SERIES SMD99F)
FEATURES
PACKAGES
Five equally spaced outputs
Designed for surface mounting
Low profile (0.175 maximum height)
Input & outputs fully TTL interfaced & buffered
10 T
2L fan-out capability
FUNCTIONAL DESCRIPTION
The SMD99F-series device is a 5-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an
amount determined by the device dash number (See Table). For dash
numbers less than 5025, the total delay of the line is measured from T1 to
T5. The nominal tap-to-tap delay increment is given by one-fourth of the
total delay, and the inherent delay from IN to T1 is nominally 3.5ns. For dash numbers greater than or
equal to 5025, the total delay of the line is measured from IN to T5. The nominal tap-to-tap delay
increment is given by one-fifth of this number.
SERIES SPECIFICATIONS
Minimum input pulse width: 40% of total delay
Output rise time: 2ns typical
Supply voltage:
5VDC
± 5%
Supply current:
ICCL = 32ma typical
ICCH = 7ma typical
Operating temperature: 0
° to 70° C
Temp. coefficient of total delay: 100 PPM/
°C
25%
25%
25%
25%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers < 5025
3.5ns
20%
20%
20%
20%
20%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers >= 5025
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
1
4
6
7
14
12
10
8
IN
T2
T4
GND
VDD
T1
T3
T5
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
N/C
T2
N/C
T4
GND
VCC
N/C
T1
N/C
T3
N/C
T5
Commercial
SMD99F-xx
Military
SMD99F-xxMC2
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
VCC
+5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
SMD99F-5004
4
± 1.0 *
1.0
± 0.5
SMD99F-5006
6
± 1.0 *
1.5
± 0.5
SMD99F-5008
8
± 2.0 *
2.0
± 1.0
SMD99F-5010
10
± 2.0 *
2.5
± 1.0
SMD99F-5012
12
± 2.0 *
3.0
± 1.0
SMD99F-5016
16
± 2.0 *
4.0
± 1.5
SMD99F-5020
20
± 3.0 *
5.0
± 2.0
SMD99F-5025
25
± 3.0
5.0
± 2.0
SMD99F-5030
30
± 3.0
6.0
± 2.0
SMD99F-5035
35
± 3.0
7.0
± 2.0
SMD99F-5040
40
± 3.0
8.0
± 2.0
SMD99F-5045
45
± 3.0
9.0
± 3.0
SMD99F-5050
50
± 3.0
10.0
± 3.0
SMD99F-5060
60
± 3.0
12.0
± 3.0
SMD99F-5075
75
± 4.0
15.0
± 3.0
SMD99F-5100
100
± 5.0
20.0
± 3.0
SMD99F-5125
125
± 6.5
25.0
± 3.0
SMD99F-5150
150
± 7.5
30.0
± 3.0
SMD99F-5175
175
± 8.0
35.0
± 4.0
SMD99F-5200
200
± 10.0
40.0
± 4.0
SMD99F-5250
250
± 12.5
50.0
± 5.0
* Total delay is referenced to first tap output
Input to first tap = 3.5ns
±± 1ns
NOTE: Any dash number between 5004 and 5250
not shown is also available.


Similar Part No. - SMD99F-5060

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5050 DATADELAY-SMD99C-5050 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5050MC2 DATADELAY-SMD99C-5050MC2 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5060 DATADELAY-SMD99C-5060 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5060MC2 DATADELAY-SMD99C-5060MC2 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
More results

Similar Description - SMD99F-5060

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU7F DATADELAY-DDU7F Datasheet
46Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com