Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS401 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1SS401
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1SS401 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1SS401_14 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1SS401_14 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production specification
Schottky Barrier Diode
1SS401
F014
www.gmicroelec.com
Rev.A
1
FEATURES
Small total capacitance.
Low reverse current.
Low forward voltage:VF=0.38V(typ).
APPLICATIONS
For general purpose applications.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS401
D9
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
25
V
Diode reverse voltage
VR
20
V
Average rectified output current
IO
300
mA
Power Dissipation
Pd
100
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55 to +125
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
Typ.
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR=100μA
20
V
Reverse current
IR
VR=20V
50
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=300mA
0.16
0.22
0.38
0.45
V
Diode capacitance
CD
VR=0V, f=1MHz
46
pF
PACKAGE OUTLINE
Pb
Lead-free


Similar Part No. - 1SS401_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS401 TOSHIBA-1SS401_14 Datasheet
185Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS401_14

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com