Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD99F-5100 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # SMD99F-5100
Description  5-TAP, TTL-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

SMD99F-5100 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  SMD99F-5100 Datasheet HTML 1Page - Data Delay Devices, Inc. SMD99F-5100 Datasheet HTML 2Page - Data Delay Devices, Inc. SMD99F-5100 Datasheet HTML 3Page - Data Delay Devices, Inc. SMD99F-5100 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD99F
Doc #97017
DATA DELAY DEVICES, INC.
3
1/30/97
3 Mt. Prospect Ave. Clifton, NJ 07013
PACKAGE DIMENSIONS
.350 TYP.
SMD99F-xx (Commercial)
1
7
8
.510
MAX.
14
.020
4
6
12
10
.510 MAX.
.480 MAX.
.150
.100
.150
.050
.150
CL
.175 MAX.
.015
.050 MIN.
.001 MIN.
.780
±.020
.882
±.005
1
2
3
4
5
6
7
8
.020 TYP.
.040
TYP.
.100
.090
.600
.280
MAX.
.590
MAX.
.010
±.002
.050
±.010
.710
±.005
.007
±.005
9
10
11
12
13
14
SMD99F-xxMC2 (Military)


Similar Part No. - SMD99F-5100

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5050 DATADELAY-SMD99C-5050 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5050MC2 DATADELAY-SMD99C-5050MC2 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5060 DATADELAY-SMD99C-5060 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
SMD99C-5060MC2 DATADELAY-SMD99C-5060MC2 Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
More results

Similar Description - SMD99F-5100

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU7F DATADELAY-DDU7F Datasheet
46Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com