Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54CM Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAT54CM
Description  Surface Mount Schottky Barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT54CM Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAT54CM Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT54CM Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAT54CM Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Schottky Barrier diode
BAT54M/AM/CM/SM
N013
www.gmicroelec.com
Rev.A
1
FEATURES
Fast switching .
Low Turn-on voltage.
BAT54
BAT54A
PN Junction Guard Ring for Transient
BAT54M
BAT54AM
and ESD Protection.
Avaiable in Lead Free Version.
BAT54CM
BAT54SM
SOT-723
ORDERING INFORMATION
Type No.
Marking
Package Code
BAT54M
KL1
SOT-723
BAT54AM
KL2
SOT-723
BAT54CM
KL3
SOT-723
BAT54SM
KL4
SOT-723
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IF
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Forward surge current
@t<1.0s
IFSM
600
mA
Power Dissipation
Pd
150
mW
Thermal resistance,junction to ambient air
RθJA
500
/W
Operating and Storage temperature
Tj ,TSTG
-65 to +125
Pb
Lead-free


Similar Part No. - BAT54CM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54CM PHILIPS-BAT54CM Datasheet
50Kb / 7P
   Schottky barrier double diode
2003 Nov 11
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
   Schottky barrier double diode
2003 Nov 11
logo
Micro Commercial Compon...
BAT54CM MCC-BAT54CM Datasheet
462Kb / 3P
   150mWatt, 30Volt Schottky Barrier Diode
logo
Jiangsu Changjiang Elec...
BAT54CM JIANGSU-BAT54CM Datasheet
1Mb / 4P
   SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CM NEXPERIA-BAT54CM Datasheet
356Kb / 8P
   Schottky barrier double diode
2003 Nov 11
More results

Similar Description - BAT54CM

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com