Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBD02.07.0100C Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CBD02.07.0100C
Description  Flexible for easy integration
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CBD02.07.0100C Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CBD02.07.0100C Datasheet HTML 1Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 2Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 3Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 4Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 5Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 6Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 7Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 8Page - Taoglas antenna solutions CBD02.07.0100C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPE-16-8-003/A/SS
Page 2 of 20
1.Introduction
The CBD.02 5.8 GHz antenna is a coax cable dipole antenna with omnidirectional
radiation pattern which has high efficiency of over 70% from 5150 to 5850 MHz. These
attributes make it ideal for use on 5.8GHz UAV applications for FPV (First-Person View)
and contribute to a more reliable link. The CBD02 antenna comes in a small form factor
which is very lightweight and easy to attach. The standard product comes with 100mm
low loss 1.37mm coaxial cable and IPEX MHFI (U.FL) connector.
The cable routes conveniently directly out of the bottom of the antenna, reducing the
volume the antenna takes up in the device to an absolute minimum compared to other
designs. The Cable Dipole Antenna is the ideal antenna solution for fitting into narrow
spaces and still maintaining high performance.
Due to the potential for detuning or nearby interference in a device environment,
Taoglas recommends that you contact us at our regional sales office for integration
support, testing, and optimization of the antenna in your device before going to
production. Customized cable and connector versions available, subject to minimum
order quantities.


Similar Part No. - CBD02.07.0100C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CBD01.07.0100C TAOGLAS-CBD01.07.0100C Datasheet
7Mb / 19P
   Linear Polarization
CBD01070100C TAOGLAS-CBD01070100C Datasheet
7Mb / 19P
   2.4GHz Cable Dipole Antenna
More results

Similar Description - CBD02.07.0100C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
List of Unclassifed Man...
SHT7X ETC2-SHT7X_15 Datasheet
286Kb / 12P
   Pin type package ??easy integration
logo
Panasonic Semiconductor
AN5150N PANASONIC-AN5150N Datasheet
162Kb / 4P
   IC for TV Large Integration
logo
Broadcom Corporation.
6505 BOARDCOM-6505 Datasheet
244Kb / 6P
   Flexible, Easy-to-Use Entry-Level SAN Switch for Private Cloud Storage
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
   Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Level One
MSL-3S79 LVL1-MSL-3S79 Datasheet
717Kb / 6P
   3 slots for flexible network integration IEEE 802.1d/w Spanning Tree Protocol (STP) and port mirroring
logo
Panasonic Semiconductor
AN5156K PANASONIC-AN5156K Datasheet
297Kb / 4P
   IC FOR COLOR TV LARGE INTEGRATION
logo
Laird Tech Smart Techno...
SDC-MSD30AG LSTD-SDC-MSD30AG Datasheet
1Mb / 26P
   HARDWARE INTEGRATION GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com