Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ200A Datasheet(PDF) 6 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMCJ200A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMCJ200A Datasheet(HTML) 6 Page - Galaxy Semi-Conductor Holdings Limited

  SMCJ200A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMCJ200A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMCJ200A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMCJ200A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMCJ200A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMCJ200A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMCJ5.0--SMCJ440CA
Document Number: SMC601AD
www.gmicroelec.com
6


Similar Part No. - SMCJ200A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMCJ200A LITTELFUSE-SMCJ200A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Galaxy Semi-Conductor H...
SMCJ200A BILIN-SMCJ200A Datasheet
736Kb / 7P
   Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
SMCJ200A RUILON-SMCJ200A Datasheet
933Kb / 7P
   Transient Voltage Suppressors
logo
SAMYANG ELECTRONICS CO....
SMCJ200A SAMYANG-SMCJ200A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Micro Commercial Compon...
SMCJ200A MCC-SMCJ200A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results

Similar Description - SMCJ200A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com