Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ250A Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMAJ250A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ250A Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ250A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ250A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ250A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ250A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ250A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ250A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMAJ5.0--SMAJ440CA
Document Number: SMA601AE
www.gmicroelec.com
3
Type
Device
marking
code
Dynamic
VWM
IRM
IPPM
VC
UNI
BI
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
V
SMAJ20
ABU
AXU
22.2
27.1
1.0
20
5.0
11.2
35.8
SMAJ20A
ABV
AXV
22.2
24.5
1.0
20
5.0
12.3
32.4
SMAJ22
ABW
AXW
24.4
29.8
1.0
22
5.0
10.2
39.4
SMAJ22A
ABX
AXX
24.4
26.9
1.0
22
5.0
11.3
35.5
SMAJ24
ABY
AXY
26.7
32.6
1.0
24
5.0
9.3
43.0
SMAJ24A
ABZ
AXZ
26.7
29.5
1.0
24
5.0
10.3
38.9
SMAJ26
ACD
AYD
28.9
35.3
1.0
26
5.0
8.6
46.6
SMAJ26A
ACE
AYE
28.9
31.9
1.0
26
5.0
9.5
42.1
SMAJ28
ACF
AYF
31.3
38
1.0
28
5.0
8.0
50.0
SMAJ28A
ACG
AYG
31.3
34.4
1.0
28
5.0
8.8
45.4
SMAJ30
ACH
AYH
33.3
40.7
1.0
30
5.0
7.5
53.5
SMAJ30A
ACK
AYK
33.3
36.8
1.0
30
5.0
8.3
48.4
SMAJ33
ACL
AYL
36.7
44.9
1.0
33
5.0
5.1
59.0
SMAJ33A
ACM
AYM
36.7
40.6
1.0
33
5.0
5.6
53.3
SMAJ36
ACN
AYN
40.0
48.9
1.0
36
5.0
4.7
64.3
SMAJ36A
ACP
AYP
40.0
44.2
1.0
36
5.0
5.2
58.1
SMAJ40
ACQ
AYQ
44.4
54.3
1.0
40
5.0
4.2
71.4
SMAJ40A
ACR
AYR
44.4
49.1
1.0
40
5.0
4.7
64.5
SMAJ43
ACS
AYS
47.8
58.4
1.0
43
5.0
3.9
76.7
SMAJ43A
ACT
AYT
47.8
52.8
1.0
43
5.0
4.3
69.4
SMAJ45
ACU
AYU
50.0
61.1
1.0
45
5.0
3.7
80.3
SMAJ45A
ACV
AYV
50.0
55.3
1.0
45
5.0
4.1
72.7
SMAJ48
ACW
AYW
53.3
65.1
1.0
48
5.0
3.5
85.5
SMAJ48A
ACX
AYX
53.3
58.9
1.0
48
5.0
3.9
77.4
SMAJ51
ACY
AYY
56.7
69.3
1.0
51
5.0
3.3
91.1
SMAJ51A
ACZ
AYZ
56.7
62.7
1.0
51
5.0
3.6
82.4
SMAJ54
ARD
AZD
60.0
73.3
1.0
54
5.0
3.1
96.3
SMAJ54A
ARE
AZE
60.0
66.3
1.0
54
5.0
3.4
87.1
SMAJ58
ARF
AZF
64.4
78.7
1.0
58
5.0
2.9
103
SMAJ58A
ARG
AZG
64.4
71.2
1.0
58
5.0
3.2
93.6
SMAJ60
ARH
AZH
66.7
81.5
1.0
60
5.0
2.8
107
SMAJ60A
ARK
AZK
66.7
73.7
1.0
60
5.0
3.1
96.8
SMAJ64
ARL
AZL
71.1
86.9
1.0
64
5.0
2.6
114
SMAJ64A
ARM
AZM
71.1
78.6
1.0
64
5.0
2.9
103
SMAJ70A
ARP
AZP
77.8
86
1.0
70
5.0
2.7
113
SMAJ75
ARQ
AZQ
83.3
102
1.0
75
5.0
2.2
134
SMAJ75A
ARR
AZR
83.3
92.1
1.0
75
5.0
2.5
121
SMAJ78
ARS
AZS
86.7
106
1.0
78
5.0
2.2
139
SMAJ78A
ART
AZT
86.7
95.8
1.0
78
5.0
2.4
126


Similar Part No. - SMAJ250A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ250A SOCAY-SMAJ250A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ250A LITTELFUSE-SMAJ250A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ250A LUGUANG-SMAJ250A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ250A SOCAY-SMAJ250A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ250A FORMOSA-SMAJ250A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMAJ250A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com