Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2006-DLS2-TR Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS31AP2006-DLS2-TR
Description  3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2006-DLS2-TR Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2006-DLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2006-DLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IS31AP2006
Integrated Silicon Solution, Inc. – www.issi.com
6
Rev. B, 08/17/2015
ELECTRICAL CHARACTERISTICS (NOTE 1)
TA = 25°C, Gain= 2V/V.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PO
Output power
THD+N = 10%
f = 1kHz, RL = 8Ω
VCC = 5.0V
1.70
W
VCC = 4.2V
1.20
VCC = 3.6V
0.83
THD+N = 10%
f = 1kHz, RL = 4Ω
VCC = 5.0V
3
W
VCC = 4.2V
2.05
VCC = 3.6V
1.55
THD+N = 1%
f = 1kHz, RL = 8Ω
VCC = 5.0V
1.45
W
VCC = 4.2V
0.95
VCC = 3.6V
0.66
THD+N=1%
f = 1kHz, RL = 4Ω
VCC = 5.0V
2.50
W
VCC = 4.2V
1.70
VCC = 3.6V
1.25
THD+N
Total harmonic
distortion plus noise
VCC = 5.0V, PO =1.0W, RL = 8Ω, f = 1kHz
0.28
%
VCC = 5.0V, PO =1.2W, RL = 4Ω, f = 1kHz
0.31
VN
Output voltage noise
VCC = 3.6V~5V, f =20Hz to 20kHz, inputs
ac-grounded with CI = 1μF A-Weighting
68
μVrms
tWU
Wake-up time from
shutdown
VCC = 3.6V
36
ms
SNR
Signal-to-noise ratio
PO =1.0W, RL = 8Ω, VCC = 5.0V
92
dB
PSRR
Power supply
rejection ratio
VCC = 2.5V ~ 5.5V
-55
dB
Note 1:
Guaranteed by design.


Similar Part No. - IS31AP2006-DLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2006-DLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
   3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
   3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
   MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005-SLS2-TR ISSI-IS31AP2005-SLS2-TR Datasheet
395Kb / 19P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com