Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2010B-UTLS2-TR Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31AP2010B-UTLS2-TR
Description  3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2010B-UTLS2-TR Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31AP2010B-UTLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2010B-UTLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IS31AP2010B
Integrated Silicon Solution, Inc. – www.issi.com
Rev.B, 04/10/2013
1
3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
April 2013
GENERAL DESCRIPTION
The IS31AP2010B is a high efficiency, 3W@5.0V
mono filter-less Class-D audio power amplifier. A low
noise, filter-less PWM architecture eliminates the
output filter, reduces external component count,
system cost, and simplifying design.
Operating in a single 5.0V supply, IS31AP2010B is
capable of driving 4Ω speaker load at a continuous
average output of 3W@10% THD+N. The
IS31AP2010B has high efficiency with speaker load
compared to a typical class- AB amplifier.
In cellular handsets, the earpiece, speaker phone, and
melody ringer speaker can each be driven by the
IS31AP2010B. The gain of IS31AP2010B is externally
configurable which allows independent gain control
from multiple sources by summing signals from each
function.
IS31AP2010B is available in UTQFN-9 packages. It
operates from 2.7V to 5.5V over the temperature range
of -40°C to +85°C.
FEATURES
5.0V supply at THD+N = 10%
―3W into 4Ω (Typ.)
―1.68W into 8Ω (Typ.)
Efficiency at 5.0V
―85% at 400mW with a 4Ω speaker
―88% at 400mW with an 8Ω speaker
Less than 1μA shutdown current
Optimized PWM output stage eliminates LC output
filter
Fully differential design reduces RF rectification
and eliminates bypass capacitor
Improved CMRR eliminates two input coupling
capacitors
Integrated click-and-pop suppression circuitry
UTQFN-9 package
RoHS compliant and 100% lead(Pb)-free
APPLICATIONS
Wireless or cellular handsets and PDAs
Portable DVD player
Notebook PC
Portable radio
Educational toys
Portable gaming
TYPICAL APPLICATION CIRCUIT
OUT+
GND
IS31AP2010B
B1,B2
A3
C3
VCC
OUT-
CS
1 F
VBattery
C1
IN-
IN+
A1
0.1 F
A2,B3
SDB
C2
100k
CIN+
0.1 F
CIN-
0.1 F
RIN+
150k
RIN-
150k
Differential
Input
Shutdown
Control
Figure 1
Typical Application Circuit


Similar Part No. - IS31AP2010B-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
   3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2010B-UTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
   3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
   2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2145A-UTLS2-TR ISSI-IS31AP2145A-UTLS2-TR Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
   MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005-SLS2-TR ISSI-IS31AP2005-SLS2-TR Datasheet
395Kb / 19P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2145A ISSI-IS31AP2145A Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D
IS31AP2145B ISSI-IS31AP2145B Datasheet
492Kb / 14P
   2.7W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com