Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2031-QFLS2-TR Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31AP2031-QFLS2-TR
Description  CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2031-QFLS2-TR Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31AP2031-QFLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2031-QFLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IS31AP2031
Integrated Silicon Solution, Inc. – www.issi.com
Rev.B, 10/24/2016
1
CLASS-K AUDIO POWER AMPLIFIER
WITH INTEGRATED CHARGE PUMP CONVERTER
October 2016
GENERAL DESCRIPTION
The IS31AP2031 is a Class-K audio power amplifier with
automatic gain control. It drives up to 2.0W (10%
THD+N) into an 8Ω speaker from a 4.2V VDD supply.
The IS31AP2031 provides low cost, space saving
solution for portable equipments which need audio
output with higher power by boosting up supply voltage.
Its external components just include a few capacitors
and resistors (no inductor).
The IS31AP2031 use fully differential design to reduce
RF noise. The IS31AP2031 integrates de-pop circuitry to
reduce pop and click noise during power on/off or
shutdown enable operation. The IS31AP2031 also
integrates thermal and short circuit protection function.
IS31AP2031 is available in QFN-20 (3mm × 3mm)
package. It operates from 2.7V to 4.5V over the
temperature range of -40°C to +85°C.
FEATURES
Operates from 2.7V to 4.5V
2.0W into an 8Ω load from a 4.2V supply(10%
THD+N)
4 gain levels: 12dB, 16dB, 24dB, 27.5dB
AGC function
Pulse Count Control serial interface
8kV HBM ESD
Thermal and short-circuit protection
Integrated Click-and-Pop suppression circuitry
Available in QFN-20(3mm × 3mm) package
APPLICATIONS
Smart phones
Cellular phones
PDAs
GPS
Portable electronics
TYPICAL APPLICATION CIRCUIT
VDD
GND
IS31AP2031
IN-
OUT
OUT
10 F
CN
IN+
CP
0.1 F
4.7 F
VBattery
CIN
22nF
RIN
10k
CIN
22nF
RIN
10k
Differential
Input
AVIN
10V
10 F
SDB
Mode Control
100k
FS
100k
0.1 F
Figure 1
Typical Application Circuit (Differential Input)


Similar Part No. - IS31AP2031-QFLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2031 ISSI-IS31AP2031 Datasheet
384Kb / 12P
   CLASS-G AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2031-QFLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2036A-CLS2-TR ISSI-IS31AP2036A-CLS2-TR Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2036-QFLS2-TR ISSI-IS31AP2036-QFLS2-TR Datasheet
474Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2036A ISSI-IS31AP2036A Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
Maxim Integrated Produc...
MAX8678 MAXIM-MAX8678 Datasheet
255Kb / 13P
   White LED Charge Pump with 1.1W Audio Amplifier
Rev 0; 4/07
logo
3PEAK INC.
TPF632A 3PEAK-TPF632A Datasheet
933Kb / 12P
   3-VRMS Audio Line Driver with Integrated Charge Pump
TPF632C 3PEAK-TPF632C Datasheet
1Mb / 12P
   3-VRMS Audio Line Driver with Integrated Charge Pump
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PAM8945 DIODES-PAM8945 Datasheet
650Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com