Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62136RGXT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62136RGXT
Description  1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62136RGXT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62136RGXT Datasheet HTML 2Page - Texas Instruments TPS62136RGXT Datasheet HTML 3Page - Texas Instruments TPS62136RGXT Datasheet HTML 4Page - Texas Instruments TPS62136RGXT Datasheet HTML 5Page - Texas Instruments TPS62136RGXT Datasheet HTML 6Page - Texas Instruments TPS62136RGXT Datasheet HTML 7Page - Texas Instruments TPS62136RGXT Datasheet HTML 8Page - Texas Instruments TPS62136RGXT Datasheet HTML 9Page - Texas Instruments TPS62136RGXT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
TPS62136, TPS621361
SLVSDV2 – MARCH 2017
www.ti.com
Product Folder Links: TPS62136 TPS621361
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating junction temperature (TJ= -40 °C to +125 °C) and VIN= 3 V to 17 V. Typical values at VIN = 12 V and TA= 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
See also HICCUP Current Limit And Short Circuit Protection (TPS62136 only) and Current Limit And Short Circuit Protection
(TPS621361 only).
(2)
The output voltage accuracy in Power Save Mode can be improved by increasing the output capacitor value, reducing the output voltage
ripple (see Pulse Width Modulation (PWM) Operation).
POWER SWITCH
RDS(ON)
High-Side MOSFET ON-
Resistance
VIN ≥ 4 V
100
180
Low-Side MOSFET ON-
Resistance
VIN ≥ 4 V
39
67
ILIMH
High-Side MOSFET
Current Limit
dc value(1)
4.8
5.6
6.5
A
ILIML
Low-Side MOSFET
Current Limit
dc value(1)
4.8
5.6
6.5
A
ILIMNEG
Negative current limit
dc value
1.5
A
fSW
PWM Switching
Frequency
MODE = high; VIN = 12V, VOUT = 3.3V; IOUT = 1A
1
MHz
OUTPUT
VFB
Feedback Voltage
0.7
V
ILKG_FB
Input Leakage Current
(FB)
VFB= 0.7 V
1
70
nA
VFB
Feedback Voltage
Accuracy(2)
VIN ≥ VOUT +1 V
PWM mode
-1%
1%
VIN ≥ VOUT +1 V; VOUT
1.5 V
PFM mode; Co,eff
≥ 47
µF, L = 1.5 µH
-1%
2%
1 V
≤ VOUT < 1.5 V
PFM mode; Co,eff
≥ 60
µF, L = 1.5 µH
-1%
2.5%
VOUT < 1 V
PFM mode; Co,eff
≥ 75
µF, L = 1.5 µH
-1%
2.5%
VFB
Feedback Voltage
Accuracy with Voltage
Tracking
VIN ≥ VOUT +1 V; VSS/TR =
0.35 V
PWM mode
-2%
7.5%
RDS(ON)
FB2 resistance to GND
when VSEL= high
10
30
Ω
ILKG_FB2
Input Leakage Current in
FB2 when VSEL = low
1
70
nA
Load Regulation
PWM mode operation
0.05
%/A
Line Regulation
PWM mode operation, IOUT= 1 A, VIN ≥ Vout + 1 V
or VIN
≥ 3.5 V whichever is larger
0.02
%/V
Output Discharge
Resistance
TPS62136 only
100
Ω
tdelay
Start-up Delay time
IO= 0 mA, Time from EN=high to start switching; VIN
applied already
200
300
µs
tramp
Ramp time; SS/TR pin
open
IO= 0 mA, Time from first switching pulse until 95%
of nominal output voltage; device not in current limit
150
µs


Similar Part No. - TPS62136RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62136RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com