Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2036-CLS2-TR Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS31AP2036-CLS2-TR
Description  HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2036-CLS2-TR Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2036-CLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP2036-CLS2-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IS31AP2036
Integrated Silicon Solution, Inc. – www.issi.com
Rev. D, 02/03/2016
9
Time (200ms/Div)
VOUT+ -VOUT-
2V/Div
VCC
2V/Div
Figure 15
Release Time
Time (8ms/Div)
VOUT
2V/Div
SDB
2V/Div
Figure 17
Turn On
Frequency(Hz)
50
100
200
500
1k
2k
5k
20k
5
20
10
15
CIN = 1µF
RL = 8Ω+33µH
25
Figure 19
Gain vs. Frequency
Time (10ms/Div)
VOUT+ -VOUT-
2V/Div
VCC
1V/Div
Figure 16
Attack Time
Time (100µs/Div)
VOUT
2V/Div
SDB
2V/Div
Figure 18
Turn Off
60u
200u
70u
80u
90u
120u
100u
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency(Hz)
150u
RL=8Ω+33µH
f =1kHz
VCC = 3.6V
VCC = 4.2V
Figure 20
Noise


Similar Part No. - IS31AP2036-CLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2036 ISSI-IS31AP2036 Datasheet
237Kb / 8P
   Pulse Count Control serial interface
IS31AP2036A ISSI-IS31AP2036A Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2036A-CLS2-TR ISSI-IS31AP2036A-CLS2-TR Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
More results

Similar Description - IS31AP2036-CLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2036A-CLS2-TR ISSI-IS31AP2036A-CLS2-TR Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2036A ISSI-IS31AP2036A Datasheet
478Kb / 17P
   HIGH EFFICIENCY, CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
IS31AP2031-QFLS2-TR ISSI-IS31AP2031-QFLS2-TR Datasheet
328Kb / 13P
   CLASS-K AUDIO POWER AMPLIFIER WITH INTEGRATED CHARGE PUMP CONVERTER
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
Maxim Integrated Produc...
MAX8678 MAXIM-MAX8678 Datasheet
255Kb / 13P
   White LED Charge Pump with 1.1W Audio Amplifier
Rev 0; 4/07
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
3PEAK INC.
TPF632A 3PEAK-TPF632A Datasheet
933Kb / 12P
   3-VRMS Audio Line Driver with Integrated Charge Pump
TPF632C 3PEAK-TPF632C Datasheet
1Mb / 12P
   3-VRMS Audio Line Driver with Integrated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com