Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4088A-QFLS2-TR Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31AP4088A-QFLS2-TR
Description  DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4088A-QFLS2-TR Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31AP4088A-QFLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4088A-QFLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IS31AP4088A
Integrated Silicon Solution, Inc. – www.issi.com
Rev.A, 12/21/2011
2
PIN CONFIGURATION
Package
Pin Configuration (Top View)
QFN-16
1
2
3
4
12
11
10
9
+OUTA
VDD
-OUTA
INA
+OUTB
VDD
-OUTB
BYPASS
PIN DESCRIPTION
No.
Pin
Description
1
+OUTA
Left channel +output.
2,11
VDD
Supply voltage.
3
-OUTA
Left channel –output.
4
INA
Left channel input.
5~7,13,16
GND
GND.
8
INB
Right channel input.
9
Bypass
Bypass capacitor which provides the common mode
voltage.
10
-OUTB
Right channel –output.
12
+OUTB
Right channel +output.
14
Hp Sense
Headphone sense control.
15
Shutdown
—— ——————
Shut down control, hold low for shutdown mode.
Thermal Pad
Connect to GND.


Similar Part No. - IS31AP4088A-QFLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4088A ISSI-IS31AP4088A Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
More results

Similar Description - IS31AP4088A-QFLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4088A ISSI-IS31AP4088A Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
logo
National Semiconductor ...
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com