Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31BL3506A-TTLS2-TR Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31BL3506A-TTLS2-TR
Description  1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3506A-TTLS2-TR Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31BL3506A-TTLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31BL3506A-TTLS2-TR Datasheet HTML 14Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IS31BL3506A
Integrated Silicon Solution, Inc. – www.issi.com
Rev. C, 01/09/2014
11
CLASSIFICATION REFLOW PROFILES
Profile Feature
Pb-Free Assembly
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
150°C
200°C
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3°C/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
217°C
60-150 seconds
Peak package body temperature (Tp)*
Max 260°C
Time (tp)** within 5°C of the specified
classification temperature (Tc)
Max 30 seconds
Average ramp-down rate (Tp to Tsmax)
6°C/second max.
Time 25°C to peak temperature
8 minutes max.
Figure 13
Classification Profile


Similar Part No. - IS31BL3506A-TTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results

Similar Description - IS31BL3506A-TTLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
IS31BL3508A ISSI-IS31BL3508A Datasheet
494Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
   1.0MHz Boost Converter
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com