Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31BL3506B-STLS2-TR Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS31BL3506B-STLS2-TR
Description  1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3506B-STLS2-TR Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS31BL3506B-STLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31BL3506B-STLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IS31BL3506B
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 04/15/2013
6
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VCC
-
0.3V ~ +6.0V
LX pin voltage
-
0.3V ~ +40V
Voltage at any input pin
-
0.3V ~ +6.0V
Maximum junction temperature, TJMAX
150°C
Storage temperature range, TSTG
-
65°C ~ +150°C
Operating temperature range, TA
-
40°C ~ +85°C
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Test conditions:TA = -40°C ~ +85°C, VCC = 3.6V, unless otherwise noted. Typical values at TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply voltage
2.7
5.5
V
ICC
Quiescent current
Switching
1.2
mA
ISD
Shutdown current
VEN = 0V
5.5
μA
VEN_ON
EN Input logic High
VEN rising
1.4
V
VEN_OFF
EN Input logic Low
VEN falling
0.4
V
FOSC
Operating frequency
1
MHz
DMAX
Maximum duty cycle
90
%
RDS_ON
LX Switch On resistance
0.8
ISW_LK
LS Switch Leakage current
VSW = 35V
1
μA
ISW_LIMIT
Switch over current limit
Duty = 90%
1.8
2.2
2.6
A
VOVP
OUT over voltage protection
35
V
VFB
Feedback voltage
0.2
V
TST
Over temperature protection (Note 1)
160
°C
tPWM_H
EN pin PWM high level time
(when power on)
(Note 1)
200
ns
Note 1:
Guaranteed by design.


Similar Part No. - IS31BL3506B-STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results

Similar Description - IS31BL3506B-STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
IS31BL3508A ISSI-IS31BL3508A Datasheet
494Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
   1.0MHz Boost Converter
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com