Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG24J-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYG24J-M3
Description  Fast Avalanche SMD Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG24J-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYG24J-M3 Datasheet HTML 1Page - Vishay Siliconix BYG24J-M3 Datasheet HTML 2Page - Vishay Siliconix BYG24J-M3 Datasheet HTML 3Page - Vishay Siliconix BYG24J-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYG24D-M3/HM3, BYG24G-M3/HM3, BYG24J-M3/HM3
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
3
Document Number: 89475
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Average Forward Current vs. Ambient Temperature
Fig. 5 - Diode Capacitance vs. Reverse Voltage
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
3.0
Forward Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Ambient Temperature (°C)
100
80
60
40
20
0
120
140
160
V
R = VRRM
Half Sine-Wave
RθJA = 25 K/W
RθJA = 125 K/W
RθJA = 150 K/W
0
5
10
15
20
25
30
0.1
1
10
100
Reverse Voltage (V)
f = 1 MHz
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.
0.030 (0.76)
0.060 (1.52)


Similar Part No. - BYG24J-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG24J-E3 VISHAY-BYG24J-E3 Datasheet
90Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG24J-E3/HE3 VISHAY-BYG24J-E3/HE3 Datasheet
90Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
More results

Similar Description - BYG24J-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
97Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24D TAYCHIPST-BYG24D Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG24JHE3 VISHAY-BYG24JHE3 Datasheet
86Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG21K VISHAY-BYG21K_V01 Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D_V01 Datasheet
99Kb / 4P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
BYG21K VISHAY-BYG21K_13 Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
BYG21M-E3-TR VISHAY-BYG21M-E3-TR Datasheet
92Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG24 VISHAY-BYG24 Datasheet
68Kb / 3P
   Fast Avalanche SMD Rectifier
Rev. 1.2, 19-Oct-04
BYG24D-E3 VISHAY-BYG24D-E3 Datasheet
90Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG21K-M3 VISHAY-BYG21K-M3 Datasheet
96Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 23-Feb-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com