Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31LT3350-V2STLS2-TR Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS31LT3350-V2STLS2-TR
Description  40V LED DRIVER WITH INTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3350-V2STLS2-TR Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS31LT3350-V2STLS2-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IS31LT3350
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 10/18/2011
5
ELECTRICAL CHARACTERISTICS (CONTINUED)
(VIN=12V, TA=25°C unless otherwise stated) (NOTE 2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ILX(leak)
LX switch leakage current
1
μA
RLX
LX Switch ‘On’ resistance
0.9
1.5
DPWM(LF)
Brightness control range at low
frequency PWM signal
PWM frequency =100Hz PWM
amplitude=5V,Vin=15V,
L=27uH, Driving 1 LED
1200:1
DPWM(HF)
Brightness control range at low
frequency PWM signal
PWM frequency =10KHz PWM
amplitude=5V,Vin=15V,
L=27uH, Driving 1 LED
13:1
fLX
Operating frequency
ADJ pin floating
L=100μH (0.82Ω) IOUT=350mA
@ VLED=3.4V Driving 1 LED
154
KHz
TONmin
Minimum switch ‘ON’ time
LX switch ‘ON’
200
ns
TOFFmin
Minimum switch ‘OFF’ time
LX switch ‘OFF’
200
ns
fLXmax
Recommended maximum
operating frequency
1
MHz
DLX
Recommended duty cycle
range of output switch at fLXmax
0.3
0.7
0.9
TPD
Internal comparator
propagation delay
50
ns
TSD
Thermal shutdown
temperature
140
°C
TSD-HYS
Thermal shutdown hysteresis
20
°C
NOTES:
1.
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2.
All parts are production tested at TA=25°C. Other temperature limits are guaranteed by design.


Similar Part No. - IS31LT3350-V2STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - IS31LT3350-V2STLS2-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com