Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-ETH3006-1-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-ETH3006-1-M3
Description  Hyperfast recovery time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ETH3006-1-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-ETH3006-1-M3 Datasheet HTML 1Page - Vishay Siliconix VS-ETH3006-1-M3 Datasheet HTML 2Page - Vishay Siliconix VS-ETH3006-1-M3 Datasheet HTML 3Page - Vishay Siliconix VS-ETH3006-1-M3 Datasheet HTML 4Page - Vishay Siliconix VS-ETH3006-1-M3 Datasheet HTML 5Page - Vishay Siliconix VS-ETH3006-1-M3 Datasheet HTML 6Page - Vishay Siliconix VS-ETH3006-1-M3 Datasheet HTML 7Page - Vishay Siliconix VS-ETH3006-1-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 08-Jul-15
1
Document Number: 95046
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
D2PAK
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5 M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Datum A and B to be determined at datum plane H
(6) Controlling dimension: inch
(7) Outline conforms to JEDEC® outline TO-263AB
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
8.00
0.270
0.315
3
A1
0.00
0.254
0.000
0.010
E
9.65
10.67
0.380
0.420
2, 3
b
0.51
0.99
0.020
0.039
E1
7.90
8.80
0.311
0.346
3
b1
0.51
0.89
0.020
0.035
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
4
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
3
c1
0.38
0.58
0.015
0.023
4
L2
1.27
1.78
0.050
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.51
9.65
0.335
0.380
2
L4
4.78
5.28
0.188
0.208
c
B
Detail A
c2
A
A
A
± 0.004
B
M
A
Lead tip
(3)
(3)
View A - A
(E)
(D1)
E1
B
H
A1
Detail “A”
Rotated 90 °CW
Scale: 8:1
L
Gauge
plane
0° to 8°
L3
L4
Seating
plane
Section B - B and C - C
Scale: None
(4)
(4)
(b, b2)
b1, b3
(c)
c1
Base
Metal
Plating
Conforms to JEDEC
® outline D2PAK (SMD-220)
13
2
D
C
A
L2
E
(2)(3)
(2)
4
H
BB
2 x b
2 x b2
L1
0.010
A
B
M
M
(3)
e
2 x
Pad layout
MIN.
11.00
(0.43)
MIN.
9.65
(0.38)
MIN.
3.81
(0.15)
MIN.
2.32
(0.08)
17.90 (0.70)
15.00 (0.625)
2.64 (0.103)
2.41 (0.096)


Similar Part No. - VS-ETH3006-1-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETH3006-1-M3 VISHAY-VS-ETH3006-1-M3 Datasheet
226Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-ETH3006-1-M3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ERT802 PANJIT-ERT802 Datasheet
114Kb / 4P
   Hyperfast recovery time
logo
Vishay Siliconix
VS-8ETX06PBF VISHAY-VS-8ETX06PBF Datasheet
199Kb / 9P
   Hyperfast recovery time
Revision: 13-May-16
VS-APH3006L-M3 VISHAY-VS-APH3006L-M3 Datasheet
377Kb / 8P
   Hyperfast soft recovery time
Revision: 10-Jul-15
VS-APH3006HN3 VISHAY-VS-APH3006HN3 Datasheet
190Kb / 8P
   Hyperfast soft recovery time
Revision: 10-Jul-15
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
   Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
RC0107B SSDI-RC0107B Datasheet
213Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F_15 Datasheet
153Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
   Hyperfast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com