Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494A336M006AH7280 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T494A336M006AH7280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494A336M006AH7280 Datasheet(HTML) 2 Page - Kemet Corporation

  T494A336M006AH7280 Datasheet HTML 1Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 2Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 3Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 4Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 5Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 6Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 7Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 8Page - Kemet Corporation T494A336M006AH7280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2008_T494 • 10/21/2016
22
Tantalum Surface Mount Capacitors – Low ESR
T494 Series Industrial Grade MnO
2
K-SIM
Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET'sK-SIMsoftware.KEMET
K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels.
Ordering Information
T
494
T
336
M
004
A
T
Capacitor
Class
Series
Case
Size
Capacitance
Code(pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Failure
Rate/
Design
TerminationFinish
Packaging
(C-Spec)
T =
Tantalum
Industrial
– Low ESR
A, B,
C, D,
E, S,
T, U,
V, X
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
2R5 = 2.5
003 = 3
004 = 4
006 = 6.3
010 = 10
016 = 16
020 = 20
025 = 25
035 = 35
050 = 50
A =
N/A
T = 100% Matte Tin (Sn)
plated
H = Standard solder coated
(SnPb 5% Pb minimum)
G = Gold plated
(A, B, C, D, X only)
N = Non-magnetic 100% Tin
(Sn)
M = Non-magnetic (SnPb)
Blank = 7" Reel
7280 = 13" Reel
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
−55°Cto125°C
Rated Capacitance Range
0.1–1,000µFat120Hz/25°C
Capacitance Tolerance
K Tolerance (10%), M Tolerance (20%)
Rated Voltage Range
2.5 – 50 V
DF(120Hz)
RefertoPartNumberElectricalSpecificationTable
ESR (100 kHz)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
≤0.01CV(µA)atratedvoltageafter5minutes


Similar Part No. - T494A336M006AH7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494A336M006AS KEMET-T494A336M006AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494A336M006AH7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com